Electronic Components Datasheet Search
  English  ▼

X  

BL8534 Datasheet(PDF) 6 Page - SHANGHAI BELLING CO., LTD.

Part # BL8534
Description  High Efficiency Low Noise PFM Step-up DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8534 Datasheet(HTML) 6 Page - SHANGHAI BELLING CO., LTD.

Back Button BL8534 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.belling.com.cn
6
BL8534
Lf
DV
I
IN
=
∆
Lf
DV
R
D
V
I
IN
L
IN
MAX
2
)
1
(
2
+
−
=
If inductor value is too small, the current
ripple through it will be great. Then the
current through diode and power switch will
be great. Because the power switch on chip
is not ideal switch, the energy of switch will
improve. The efficiency will fall.
Thirdly,in general, smaller inductor values
supply more output current while larger
values start up with lower input voltage and
acquire high efficiency.
An inductor value of 3uH to 1mH works well
in most applications. If DC-DC converter
delivers large output current (for example:
output current is great than 50mA), large
inductor value is recommended in order to
improve efficiency. If DC-DC must output very
large current at low input supply voltage,
small inductor value is recommended.
The ESR of inductor will affect efficiency
greatly. Suppose ESR value of inductor is
rL,Rload is load resistor,then the energy can
be calculated by following expression :
2
)
1
(
D
R
r
load
L
−
≈
∆
η
For example: input 1.5V, output is 3.0V,
Rload=20 , rL=0.5 , the energy loss is 10%.
Consider all above,inductor value of 47uH、
ESR<0.5
is
recommended
in
most
applications. Large value is recommended in
high efficiency applications and smaller value
is recommended
CAPACITOR SELECTION
Ignore ESR of capacitor,the ripple of output
voltage is:
Cf
R
D
V
V
r
LOAD
OUT
OUT
=
∆
=
So large value capacitor is needed to reduce
ripple. But too large capacitor value will slow
down system reaction and cost will improve.
So 100uF capacitor is recommended. Larger
capacitor value will be used in large output
current system. If output current is small
(<10mA), small value is needed.
Consider ESR of capacitor , ripple will
increase:
OUT
ESR
MAX
V
R
I
r
r
+
=
'
When current is large, ripple caused by ESR
will be main factor. It may be greater than
100mV。The ESR will affect efficiency and
increase energy loss. So low-ESR capacitor
(for
example:
tantalum
capacitor)
is
recommend or connects two or more filter
capacitors in parallel.
DIODE SELECTION
Rectifier diode will affects efficiency greatly,
Though a common diode (such as 1N4148)
will work well for light load , it will reduce
about 5%~10% efficiency for heavy load ,
For optimum performance, a Schottky diode
(such as 1N5817 、 1N5819 、 1N5822) is
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com