Electronic Components Datasheet Search
  English  ▼

X  

BL8534 Datasheet(PDF) 9 Page - SHANGHAI BELLING CO., LTD.

Part # BL8534
Description  High Efficiency Low Noise PFM Step-up DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8534 Datasheet(HTML) 9 Page - SHANGHAI BELLING CO., LTD.

Back Button BL8534 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.belling.com.cn
9
BL8534
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Recommended operating conditions: Cin=47uF, Cout=100uF, Topt=25
°C. (Unless otherwise noted)
And all the tests below are made on BL8534CC3TR33.
Output Ripple VS Load Current
0
20
40
60
80
100
0
200
400
600
800
Load Current(mA)
VIN=1.2V
VIN=1.2V
VIN=1.2V
VIN=1.2V
VIN=1.5V
VIN=1.5V
VIN=1.5V
VIN=1.5V
VIN=2V
VIN=2V
VIN=2V
VIN=2V
VIN=2.5V
VIN=2.5V
VIN=2.5V
VIN=2.5V
VIN=3V
VIN=3V
VIN=3V
VIN=3V
Output Ripple VS Load Current
0
50
100
150
200
250
0
100
200
300
400
500
600
700
Load Current(mA)
VIN=1.2V
VIN=1.2V
VIN=1.2V
VIN=1.2V
VIN=1.5V
VIN=1.5V
VIN=1.5V
VIN=1.5V
VIN=2V
VIN=2V
VIN=2V
VIN=2V
VIN=2.5V
VIN=2.5V
VIN=2.5V
VIN=2.5V
VIN=3V
VIN=3V
VIN=3V
VIN=3V
Minimum Start Up Voltage VS Output Current
0.0
0.2
0.4
0.6
0.8
1.0
0
5
10
15
20
Output Current(mA)
L=47uH
L=10uH
L=10uH
L=47uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com