Electronic Components Datasheet Search
  English  ▼

X  

BL8534 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8534
Description  High Efficiency Low Noise PFM Step-up DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8534 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8534 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.belling.com.cn
1
High Efficiency Low Noise PFM Step-up DC/DC Converter
BL8534
DESCRIPTION
BL8534 series are CMOS-based PFM step-
up DC-DC Converter. The converter can start
up by supply voltage as low as 0.8V, and
capable of delivering maximum 200mA output
current at 3.3V output with 1.8V input Voltage.
Quiescent current drawn from power source
is as low as 20uA. All of these features make
BL8534 series be suitable for the portable
devices, which are supplied by a single
battery to four-cell batteries.
To reduce the noise caused by the switch
regulator, BL8534 is well considerated in
circuit design and manufacture. So that the
interferer to other circuits by the device is
reduced greatly.
BL8534 integrates stable reference circuits
and trimming technology, so it can afford high
precision and low temperature-drift coefficient
of the output voltage.
BL8534 is available in SOT-89-3, SOT-23-3,
SOT-23-5 and TO-92 packages that are PB
free. And in 5-pin packages, such as SOT-23-
5, the device can be switch on or off easily by
CE pin, to minimize the standby supply
current.
FEATURES
• Deliver 200mA at 3.3V Output voltage
with 1.8V input Voltage
• Low start-up voltage (when the output
current is 1mA)-----------------------------0.8V
• Output voltage can be adjusted from 2.5V
to 6.0V (In 0.1V step)
• Output voltage accuracy ---------------±2%
• Low temperature-drift coefficient of the
output voltage--------------------
±100ppm/℃
• Only three external components are
necessary: An inductor, a Schottky diode
and an output filter capacitor
• Low quiescent current drawn from power
source-------------------------------------<20uA
APPLICATIONS
• Power Source for PDA, DSC, MP3 Player,
Electronic toy and wireless mouse
• Power Source for a Single or Dual-cell
Battery-Powered Equipments
• Power Source for LED
TYPICAL APPLICATION
ELECTRICAL CHARACTERISTICS
LC3000CC3TR33
0
1
2
3
4
0
200
400
600
800
Output Current(mA)
VIN=1.2V
VIN=1.2V
VIN=1.2V
VIN=1.2V
VIN=1.5V
VIN=1.5V
VIN=1.5V
VIN=1.5V
VIN=2V
VIN=2V
VIN=2V
VIN=2V
VIN=2.5V
VIN=2.5V
VIN=2.5V
VIN=2.5V
VIN=3V
VIN=3V
VIN=3V
VIN=3V
BL8534
BL8534


Similar Part No. - BL8534

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8530 BELLING-BL8530 Datasheet
225Kb / 14P
PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
BL8530C BELLING-BL8530C Datasheet
267Kb / 13P
HIGH EFFICIENCY, LOW SUPPLY CURRENT, MULTI-FUNTION STEP-UP DC/DC CONTROLLER
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
High Efficiency Low Noise PFM Step-up DC-DC Converter
BL8531C BELLING-BL8531C Datasheet
679Kb / 12P
High Efficiency, Multi-Function Step-up DC/DC Controller
BL8531CCB3TR25 BELLING-BL8531CCB3TR25 Datasheet
679Kb / 12P
High Efficiency, Multi-Function Step-up DC/DC Controller
More results

Similar Description - BL8534

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8505 BELLING-BL8505 Datasheet
1Mb / 10P
High Efficiency PFM Step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701 Datasheet
354Kb / 13P
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
ACE701 ACE-ACE701_12 Datasheet
593Kb / 13P
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
High Efficiency Low Noise PFM Step-up DC-DC Converter
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ELM Technology Corporat...
ELM93 ELM-TECH-ELM93 Datasheet
1Mb / 8P
High efficiency PFM step-up DC/DC converter
logo
ACE Technology Co., LTD...
ACE77LE9 ACE-ACE77LE9 Datasheet
539Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com