Electronic Components Datasheet Search
  English  ▼

X  

BL8534 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL8534
Description  High Efficiency Low Noise PFM Step-up DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8534 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL8534 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.belling.com.cn
3
BL8534
ABSOLUTE MAXIMUM RATING
Parameter
Value
Max Input Voltage
-0.3V-10V
CE Pin Voltage
-0.3V-(Vout+0.3)
Lx Pin Output Current
0.7A
Lx Pin Voltage
10V
Operating Junction Temperature (TJ)
125
°C
Ambient Temperature (TA)
-40
°C -85°C
Power Dissipation
SOT-23-3
250mW
SOT-23-5
250mW
SOT-89-3
500mW
TO-92
500mW
Storage Temperature (Ts)
-40
°C -150°C
Lead Temperature & Time
260
°C, 10Sec
Note:
Exceed these limits to damage to the device.
Exposure to absolute maximum rating conditions may affect device reliability.
RECOMMENDED WORK CONDITIONS
Item
Min
Recommended
Max.
Unit
Input Voltage Range
0.8
Vout
V
Inductor
10
100
µH
Input Capacitor
0
≥10
µF
Output Capacitor
47
µF
Ambient Temperature
-40
85
°C
BLOCK DIAGRAM
Note: CE pin is only available on 5 pins packages.
BL8534



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com