Electronic Components Datasheet Search
  English  ▼

X  

L6370Q Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6370Q
Description  2.5 A single high-side smart power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370Q Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6370Q Datasheet HTML 2Page - STMicroelectronics L6370Q Datasheet HTML 3Page - STMicroelectronics L6370Q Datasheet HTML 4Page - STMicroelectronics L6370Q Datasheet HTML 5Page - STMicroelectronics L6370Q Datasheet HTML 6Page - STMicroelectronics L6370Q Datasheet HTML 7Page - STMicroelectronics L6370Q Datasheet HTML 8Page - STMicroelectronics L6370Q Datasheet HTML 9Page - STMicroelectronics L6370Q Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical specifications
L6370Q
6/16
Doc ID 022313 Rev 1
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vs
Supply voltage (Tw<10ms)
50
V
Vs-Vo
Supply to output differential voltage. See also Vcl
Internally limited
V
Vod
Externally forced voltage
-0.3 to 7
V
Iod
Externally forced current
±1
mA
Vin
Input voltage
-10 to Vs+10
V
Vi
Differential input voltage
43
V
Iin
Input current
20
mA
Iout
Output current. See also Isc
Internally limited
A
Ei
Energy inductive load Tj=85°C
1
J
PTOT
Power dissipation. Se also thermal characteristics
Internally limited
W
Top
Operating temperature range
-25 to +85°C
TSTG
Storage temperature
-55 to 150
°C
Table 4.
Thermal data
Symbol
Description
Value
Unit
RthJC
Thermal resistance junction to case
Max.
4
°C/W
RthJA
Thermal resistance junction to ambient (1)
1.
Mounted on a 2-side + vias PCB with a ground dissipating area on the bottom side.
Max.
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com