Electronic Components Datasheet Search
  English  ▼

X  

L6370Q Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6370Q
Description  2.5 A single high-side smart power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370Q Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6370Q Datasheet HTML 4Page - STMicroelectronics L6370Q Datasheet HTML 5Page - STMicroelectronics L6370Q Datasheet HTML 6Page - STMicroelectronics L6370Q Datasheet HTML 7Page - STMicroelectronics L6370Q Datasheet HTML 8Page - STMicroelectronics L6370Q Datasheet HTML 9Page - STMicroelectronics L6370Q Datasheet HTML 10Page - STMicroelectronics L6370Q Datasheet HTML 11Page - STMicroelectronics L6370Q Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Electrical specifications
L6370Q
8/16
Doc ID 022313 Rev 1
Note:
Vil ≤ 0.8V, Vih ≥ 2V @ (V+In > V-In)
2.4
AC operation
Voth1
Output status threshold 1
voltage
(See Figure 3)
4.555.5
V
Voth2
Output status threshold 2
voltage
44.5
5.0
V
Vohys
Output status threshold
hysteresis
300
500
700
mV
Iosd
Output status source current
Vout > Voth1; Vos = 2.5V
2
4
mA
Vosd
Active output status driver drop
voltage
Vs - Vos; Ios = 2mA
Tamb = 0 to +85°C
1.5
3
V
Ioslk
Output status driver leakage
current
Vout < Voth2; Vos = 0V
VS = 9.5 to 35V
25
μA
Vdgl
Diagnostic drop voltage
D1 / D2 = L; Idiag= 0.5mA
D1 / D2 = L; Idiag= 3mA
40
250
mV
Idglk
Diagnostic leakage current
D1 / D2 = H; 0 < Vdg < Vs
VS = 9.5 to 35V
5
μA
Source drain NDMOS diode
Vfsd
Forward on voltage
@ Ifsd = 2.5A
1
1.5
V
Ifp
Forward peak current
t = 10ms; d = 20%
6
A
trr
Reverse recovery time
If = 2.5A di/dt = 25A/μs
200
ns
tfr
Forward recovery time
100
ns
Thermal characteristics
ΘLim
Junction temp. protect.
135
150
°C
ΘTH
Thermal hysteresis
20
°C
Table 6.
AC operation
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tr - tf
Rise or fall time
VS = 24V; RI = 70Ω; Rl to ground
20
μs
td
Delay time
5
μs
dV/dt
Slew rate (rise and fall edge)
0.7
1
1.5
V/
μs
tON
On time during short circuit
condition
50pF < CDON < 2nF
1.28
μs/pF
tOFF
Of time during short circuit
condition
64
tON
fmax
Maximum operating frequency
25
KHz
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com