Electronic Components Datasheet Search
  English  ▼

X  

L6370Q Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6370Q
Description  2.5 A single high-side smart power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370Q Datasheet(HTML) 3 Page - STMicroelectronics

  L6370Q Datasheet HTML 1Page - STMicroelectronics L6370Q Datasheet HTML 2Page - STMicroelectronics L6370Q Datasheet HTML 3Page - STMicroelectronics L6370Q Datasheet HTML 4Page - STMicroelectronics L6370Q Datasheet HTML 5Page - STMicroelectronics L6370Q Datasheet HTML 6Page - STMicroelectronics L6370Q Datasheet HTML 7Page - STMicroelectronics L6370Q Datasheet HTML 8Page - STMicroelectronics L6370Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
L6370Q
Block diagram and pin description
Doc ID 022313 Rev 1
3/16
1
Block diagram and pin description
Figure 1.
Block diagram
Figure 2.
Pin connection (top view)
UNDER
VOLTAGE
CHARGE
PUMP
DRIVER
NON DISSIPATIVE
SHORT CIRCUIT
CURRENT
LIMITATION
OPEN LOAD
DETECTION
OUTSTATUS
DIAGNOSTIC
THERMAL
PROTECTION
OSC
+
-
1.4V
INPUT
IN+
IN-
ON-DELAY
OUTPUT STATUS
3mA
DIAG2
DIAG1
OUT
VS
D95IN208D
RSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com