Electronic Components Datasheet Search
  English  ▼

X  

L6370Q Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6370Q
Description  2.5 A single high-side smart power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370Q Datasheet(HTML) 4 Page - STMicroelectronics

  L6370Q Datasheet HTML 1Page - STMicroelectronics L6370Q Datasheet HTML 2Page - STMicroelectronics L6370Q Datasheet HTML 3Page - STMicroelectronics L6370Q Datasheet HTML 4Page - STMicroelectronics L6370Q Datasheet HTML 5Page - STMicroelectronics L6370Q Datasheet HTML 6Page - STMicroelectronics L6370Q Datasheet HTML 7Page - STMicroelectronics L6370Q Datasheet HTML 8Page - STMicroelectronics L6370Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Block diagram and pin description
L6370Q
4/16
Doc ID 022313 Rev 1
1.1
Pin description
Table 2.
Pin description
Pin N
°
Name
Description
1
OUTPUT
High side output with built-in current limitation
2
OUTPUT
High side output with built-in current limitation
3
NC
Not connected
4
ON-DELAY
Programmable ON time interval duration during short circuit operation
5VS
Supply voltage input, the value of the supply voltage is monitored to
detect under voltage condition
6VS
Supply voltage input, the value of the supply voltage is monitored to
detect under voltage condition
7VS
Supply voltage input, the value of the supply voltage is monitored to
detect under voltage condition
8
VS
Supply voltage input, the value of the supply voltage is monitored to
detect under voltage condition
9
NC
Not connected
10
OUTPUT
High side output with built-in current limitation
11
OUTPUT
High side output with built-in current limitation
12
NC
Not connected
13
NC
Not connected
14
NC
Not connected
15
NC
Not connected
16
NC
Not connected
17
NC
Not connected
18
NC
Not connected
19
NC
Not connected
20
NC
Not connected
21
NC
Not connected
22
RSC
Current limitation setting.
23
NC
Not connected
24
NC
Not connected
25
NC
Not connected
26
NC
Not connected
27
NC
Not connected
28
DIAG1
DIAGNOSTIC 1 output. This open drain reports the IC working
conditions. (See diagnostic truth Table 6.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com