Electronic Components Datasheet Search
  English  ▼

X  

L6370Q Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6370Q
Description  2.5 A single high-side smart power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370Q Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6370Q Datasheet HTML 6Page - STMicroelectronics L6370Q Datasheet HTML 7Page - STMicroelectronics L6370Q Datasheet HTML 8Page - STMicroelectronics L6370Q Datasheet HTML 9Page - STMicroelectronics L6370Q Datasheet HTML 10Page - STMicroelectronics L6370Q Datasheet HTML 11Page - STMicroelectronics L6370Q Datasheet HTML 12Page - STMicroelectronics L6370Q Datasheet HTML 13Page - STMicroelectronics L6370Q Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Circuit description
L6370Q
10/16
Doc ID 022313 Rev 1
3.1
Diagnostic truth table
3.2
Input section
The input section is an high impedance differential stage with high common and differential
mode range. There’s built-in offset of +1.4 V (typical value) and an hysteresis of 400 mV
(maximum value), to ensure high noise immunity.
3.3
Diagnostic logic
The operating conditions of the device are permanently monitored and the following
occurrences are signalled via the DIAG1/DIAG2 open-drain output pins:
Short circuit versus ground. A current limiting circuit fixes at Isc = 3.2 A (typical value)
the maximum current that can be sourced from the OUTPUT pin (for more details see
short circuit operation section).
Short circuit versus Vs.
Under voltage (UV)
Over temperature (OVT)
Open load, if the output current is less than 3 mA (typical value).
Output DMOS open according to the diagnostic truth Table 7.
Table 7.
Diagnostic truth table
Diagnostic conditions
Input
Output
Diag1
Diag2
Normal operation
L
H
L
H
H
H
H
H
Open load condition (Io< Iold)
L
H
L
H
H
L
H
H
Short to VS
L
H
H
H
L
L
H
H
Short circuit to ground (IO = ISC)
(1)
(pin ON-DELAY grounded)
1.
A cold lamp filament, or a capacitive load may activate the current limiting circuit of the IPS, when the IPS
is initially turned on.
H
L
X
L
H
H
H
H
Output DMOS open
L
H
L
L
H
L
H
H
Overtemperature
L
H
L
L
H
H
L
L
Supply undervoltage (VS< Vsth2)
L
H
L
L
L
L
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com