Electronic Components Datasheet Search
  English  ▼

X  

L6370Q Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6370Q
Description  2.5 A single high-side smart power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370Q Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6370Q Datasheet HTML 3Page - STMicroelectronics L6370Q Datasheet HTML 4Page - STMicroelectronics L6370Q Datasheet HTML 5Page - STMicroelectronics L6370Q Datasheet HTML 6Page - STMicroelectronics L6370Q Datasheet HTML 7Page - STMicroelectronics L6370Q Datasheet HTML 8Page - STMicroelectronics L6370Q Datasheet HTML 9Page - STMicroelectronics L6370Q Datasheet HTML 10Page - STMicroelectronics L6370Q Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
L6370Q
Electrical specifications
Doc ID 022313 Rev 1
7/16
2.3
Electrical characteristics
(VS = 24 V; TJ = –25 to +125°C, unless otherwise specified)
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vsmin
Supply voltage for valid
diagnostics
Idiag> 0.5mA; Vdg1= 1.5V
4
35
V
Vs
Supply voltage (operative)
9.5
24
35
V
Iq
Quiescent current
Iout = Ios = 0
Vil
Vih
0.8
3
1.4
4
mA
Vsth1
Undervoltage threshold 1
(See Figure 4), Tamb = 0 to
+85°C
8.599.5
V
Vsth2
Undervoltage threshold 2
88.5
9
V
Vsth3
Supply voltage hysteresis
300
500
700
mV
Isc
Short circuit current
VS = 9.5 to 35V; RL= 2Ω 5kΩ<
RSC< 30kΩ
15/RSC(kΩ)A
0< RSC< 5kΩ
2.6
3.2
4
A
Vdon
Output voltage drop
Iout = 2.0A, Tj = 25°C
Tj = 125°C
200
320
280
440
mV
Iout = 2.5A, Tj = 25°C
Tj = 125°C
250
400
350
550
mV
Ioslk
Output leakage current
Vi = Vil; Vo = 0V
500
μA
Vol
Low state out voltage
Vi = Vil; RL = ∞
0.8
1.5
V
Vcl
Internal voltage clamp
(VS- VO)
IO = 1A
Single pulsed: Tp = 300 μs
48
53
58
V
Iold
Open load detection current
Vi = Vih; Tamb = 0 to +85 °C
1
3
6
mA
Vid
Common mode input voltage
range (operative)
VS = 18 to 35V
-7
15
V
Iib
Input bias current
Vi = -7 to 15V; -In = 0V
-250
250
μA
Vith
Input threshold voltage
V +In > V -In
0.8
1.4
2
V
Viths
Input threshold hysteresis
voltage
V +In > V -In
50
400
mV
Rid
Diff. input resistance
0 < +In < +16V; -In = 0V
-7 < +In < 0V; -In = 0V
400
150
K
Ω
Iilk
Input offset current
V +In = V -In
+Ii
0V < Vi < 5.5V
-Ii
-20
-75
-25
+20
μA
-In = GND
+Ii
0V < V+In <5.5V
-Ii
-250
+10
-125
+50
+In = GND
+Ii
0V < V-In <5.5V
-Ii
-100
-50
-30
-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com