Electronic Components Datasheet Search
  English  ▼

X  

STLC3075 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC3075
Description  Integrated POTS interface for home access gateway and WLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3075 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLC3075_09 Datasheet HTML 2Page - STMicroelectronics STLC3075_09 Datasheet HTML 3Page - STMicroelectronics STLC3075_09 Datasheet HTML 4Page - STMicroelectronics STLC3075_09 Datasheet HTML 5Page - STMicroelectronics STLC3075_09 Datasheet HTML 6Page - STMicroelectronics STLC3075_09 Datasheet HTML 7Page - STMicroelectronics STLC3075_09 Datasheet HTML 8Page - STMicroelectronics STLC3075_09 Datasheet HTML 9Page - STMicroelectronics STLC3075_09 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Pin description
STLC3075
6/36
2
Pin description
Figure 2.
Pin connection (top view)
1
2
3
5
6
4
7
8
9
10
17
11
18
19
20
21
22
44
43
42
41
39
40
38
37
36
35
34
28
27
26
24
23
25
33
32
31
29
30
N.C.
GAIN SET
PD
D1
D0
D2
RTTX
CTTX2
CTTX1
DET
CKTTX
RLIM
AGND
CVCC
RSENSE
GATE
CLK
VPOS
ILTF
RD
IREF
RTH
D00TL488
12
13
14
15
16
Table 2.
Pin description
N°
Pin
Function
1
D0
Control interface: input bit 0
2
D1
Control interface: input bit 1
3
D2
Control interface: input bit 2
4
PD
Power down input. Normally connected to CVCC (or to logic level high)
5
Gain SET
Control gain interface: 0 Level Rxgain = 0dB Txgain = -12dB
1 Level Rxgain = +6dB Txgain = -12dB
6, 22, 38,
39, 40, 42
NC
Not connected
7
DET
Logic interface output of the supervision detector (active low)
8
CKTTX
Metering pulse clock input (12 kHz or 16 kHz square wave)
9
CTTX1
Metering burst shaping external capacitor
10
CTTX2
Metering burst shaping external capacitor
11
RTTX
Metering pulse cancellation buffer output. TTX filter network should be connected to
this point. If not used, should be left open.
12
FTTX
Metering pulse buffer input this signal is sent to the line and used to perform TTX
filtering
13
RX
4 wires input port (RX input). A 100 k
Ω external resistor must be connected to AGND
via the bias input stage. This signal refers to AGND. If connected to single supply
CODEC output it must be DC decoupled with proper capacitor.
14
ZAC1
RX buffer output (the AC impedance is connected from this node to ZAC)
15
ZAC
AC impedance synthesis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com