Electronic Components Datasheet Search
  English  ▼

X  

STLC3075 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC3075
Description  Integrated POTS interface for home access gateway and WLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3075 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC3075_09 Datasheet HTML 1Page - STMicroelectronics STLC3075_09 Datasheet HTML 2Page - STMicroelectronics STLC3075_09 Datasheet HTML 3Page - STMicroelectronics STLC3075_09 Datasheet HTML 4Page - STMicroelectronics STLC3075_09 Datasheet HTML 5Page - STMicroelectronics STLC3075_09 Datasheet HTML 6Page - STMicroelectronics STLC3075_09 Datasheet HTML 7Page - STMicroelectronics STLC3075_09 Datasheet HTML 8Page - STMicroelectronics STLC3075_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
March 2009
Rev 8
1/36
1
STLC3075
Integrated POTS interface
for home access gateway and WLL
Features
■ Monochip SLIC optimized for WLL & VoIP
applications
■ Implements all Borsht function key features
■ Single supply (4.5 V to 12 V) for fly-back
configuration
■ Single supply (5.5 V to 12 V) for buck-boost
configuration
■ Built in DC/DC converter controller
■ Soft battery reversal with programmable
transition time
■ On-hook transmission
■ Programmable off-hook detector threshold
■ Metering pulse generation and filter
■ Integrated ringing
■ Integrated ring trip
■ Parallel control interface (3.3 V logic level)
■ Programmable constant current feed
■ Surface mount package
■ Integrated thermal protection
■ Dual gain value option
■ Automatic recognition flyback and buckboost
configuration
■ BCDIIIS 90V technology
■ -40 °C to +85 °C operating range
Description
The STLC3075 is a SLIC device specifically
designed for WLL (Wireless Local Loop), and
ISDN terminal adaptors and VoIP applications.
One distinctive characteristic of this device is its
ability to operate with a single supply voltage
(from +4.5 V to +12 V) and to self generate the
negative battery by means of an on-chip DC/DC
converter controller that drives an external MOS
switch.
The battery level is properly adjusted depending
on the operating mode. A useful characteristic for
these applications is the integrated ringing
generator.
The control interface is parallel with open drain
output and 3.3 V logic levels.
The metering pulses are generated on-chip
starting from two logic signals (0 and 3.3 V): one
signal defining the metering pulse frequency, the
other signal defining the metering pulse duration.
An on-chip circuit then provides the proper
shaping and filtering. Metering pulse amplitude
and shaping (rising and decay time) can be
programmed by external components.
A dedicated cancellation circuit avoids possible
codec input saturation due to metering pulse
echo.
Constant current feed can be set from 20 mA to
40 mA. Off-hook detection threshold is
programmable from 5 mA to 9 mA.
The device, which is developed in BCDIIIS
technology (90 V process), operates in the
extended temperature range and integrates a
thermal protection that sets the device in power
down when Tj exceeds 140 °C.
Table 1.
Device summary
Order code
Package
Packing
E-STLC3075(1)
1.
ECOPACK® (see Section 9)
LQFP44
Tray
LQFP44
www.st.com


Similar Part No. - STLC3075_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC3075 STMICROELECTRONICS-STLC3075 Datasheet
657Kb / 26P
INTEGRATED POTS INTERFACE FOR HOME ACCESS GATEWAY AND WLL
Jan-2005
More results

Similar Description - STLC3075_09

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6432 INTERSIL-ISL6432 Datasheet
276Kb / 12P
PWM and Triple Linear Power Controller for Home Gateway Applications
June 2001
logo
List of Unclassifed Man...
WP3200 ETC1-WP3200 Datasheet
150Kb / 2P
Home Gateway Processor Product Brief
logo
STMicroelectronics
STLC3075 STMICROELECTRONICS-STLC3075 Datasheet
657Kb / 26P
INTEGRATED POTS INTERFACE FOR HOME ACCESS GATEWAY AND WLL
Jan-2005
STLC3085 STMICROELECTRONICS-STLC3085 Datasheet
353Kb / 28P
Integrated Pots Interface for Home Access Gateway and WLL
15-Feb-2006
logo
List of Unclassifed Man...
ADM5120 ETC2-ADM5120 Datasheet
306Kb / 8P
HOME GATEWAY CONTROLLER
logo
STMicroelectronics
STLC3055N STMICROELECTRONICS-STLC3055N_09 Datasheet
325Kb / 34P
WLL and ISDN-TA subscriber line interface circuit
12-Feb-2009
logo
Epson Company
S1C33210 EPSON-S1C33210 Datasheet
304Kb / 2P
Mobile Access Gateway IC
logo
E-CMOS Corporation
ECF2100 E-CMOS-ECF2100 Datasheet
525Kb / 5P
RFID smart Gateway for Home automation control
logo
Renesas Technology Corp
ISL6432 RENESAS-ISL6432 Datasheet
685Kb / 12P
PWM and Triple Linear Power Controller for Home Gateway Applications
logo
List of Unclassifed Man...
INMBSBAC1000000 ETC-INMBSBAC1000000 Datasheet
33Mb / 40P
Gateway solutions for building and home integration
Version 1.0/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com