Electronic Components Datasheet Search
  English  ▼

X  

STLC3075 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLC3075
Description  Integrated POTS interface for home access gateway and WLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3075 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLC3075_09 Datasheet HTML 6Page - STMicroelectronics STLC3075_09 Datasheet HTML 7Page - STMicroelectronics STLC3075_09 Datasheet HTML 8Page - STMicroelectronics STLC3075_09 Datasheet HTML 9Page - STMicroelectronics STLC3075_09 Datasheet HTML 10Page - STMicroelectronics STLC3075_09 Datasheet HTML 11Page - STMicroelectronics STLC3075_09 Datasheet HTML 12Page - STMicroelectronics STLC3075_09 Datasheet HTML 13Page - STMicroelectronics STLC3075_09 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Functional description
STLC3075
10/36
The self generated battery voltage is set to a predefined value in on-hook state.
The typical value of -50 V can be adjusted via one external resistor (RF1). When RING
mode is selected this typical value is increased to -70 V.
Once the line goes in off-hook condition, the DC/DC converter automatically adjusts the
generated battery voltage in order to feed the line with a fixed DC current (programmable via
RLIM) optimizing the power dissipation.
4.2
Operating modes
4.2.1
Power down
When this mode is selected the SLIC is switched off and the TIP and RING pins are in high
impedance. The line detectors are also disabled therefore the off-hook condition cannot be
detected.
The power down mode can be selected in emergency condition when it is necessary to cut
any current delivered to the line.
The power down mode is also forced by STLC3075 in case of thermal overload
(Tj > 140 °C). In this case the device goes back to the previous status as soon as the
junction temperature decrease under the hysteresis threshold.
No AC transmission is possible.
4.2.2
High impedance feeding (HI-Z)
This operating mode is normally selected when the telephone is in on-hook in order to
monitor the line status keeping the power consumption at the minimum.
The output voltage in on-hook condition is equal to the self generated battery voltage (-50 V
typical).
When off-hook occurs the DET becomes active (low logic level).
The off-hook threshold value in HI-Z mode is the same as the programmed value in ACTIVE
mode.
The DC characteristics in HI-Z mode are equal to the self generated battery with
2x(1600
Ω+Rp) in series (see Figure 3), where Rp is the external protection resistance.
No AC transmission is possible.
Figure 3.
DC characteristics in HI-Z mode.
Vbat
IL
VL
Vbat (-50V)
2x(R1+Rp)
Slope: 2x(R1+Rp)
(R1=1600ohm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com