Electronic Components Datasheet Search
  English  ▼

X  

STLC3075 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLC3075
Description  Integrated POTS interface for home access gateway and WLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3075 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLC3075_09 Datasheet HTML 4Page - STMicroelectronics STLC3075_09 Datasheet HTML 5Page - STMicroelectronics STLC3075_09 Datasheet HTML 6Page - STMicroelectronics STLC3075_09 Datasheet HTML 7Page - STMicroelectronics STLC3075_09 Datasheet HTML 8Page - STMicroelectronics STLC3075_09 Datasheet HTML 9Page - STMicroelectronics STLC3075_09 Datasheet HTML 10Page - STMicroelectronics STLC3075_09 Datasheet HTML 11Page - STMicroelectronics STLC3075_09 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Electrical specification
STLC3075
8/36
3
Electrical specification
3.1
Absolute maximum rating
3.2
Operating range
3.3
Thermal data
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VPOS
Positive supply voltage
-0.4 to +13
V
A/BGND
AGND to BGND
-1 to +1
V
Vdig
Pin D0, D1, D2, DET, CKTTX
-0.4 to 5.5
V
Tj
Max. junction temperature
150
°C
Vbtot
(1)
1.
Vbat is self generated by the on-chip DC/DC converter and can be programmed via RF1 and RF2. RF1
and RF2 must be selected in order to fulfil the a.m. limits (see components tables).
Vbtot=|VPOS|+|Vbat|. (Total voltage applied to the
device supply pins).
90
V
ESD rating
Human body model
±1750
V
Charged device model
±500
V
Table 4.
Operating range
Symbol
Parameter
Value
Unit
VPOS
Positive supply voltage
4.5 to +12
V
A/BGND
AGND to BGND
-100 to +100
mV
Vdig
Pin D0, D1, D2, DET, CKTTX, PD
-0.25 to 5.25
V
Top
Ambient operating temperature range
-40 to +85
°C
Vbat
(1)
1.
Vbat is self generated by the on-chip DC/DC converter and can be programmed via RF1 and RF2. RF1
and RF2 must be selected in order to fulfil the a.m. limits (see Table 10: External components for
buckboost configuration)
Self generated battery voltage
-74 max.
V
Table 5.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal resistance junction to ambient typical.
60
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com