Electronic Components Datasheet Search
  English  ▼

X  

STLC3075 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLC3075
Description  Integrated POTS interface for home access gateway and WLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3075 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLC3075_09 Datasheet HTML 3Page - STMicroelectronics STLC3075_09 Datasheet HTML 4Page - STMicroelectronics STLC3075_09 Datasheet HTML 5Page - STMicroelectronics STLC3075_09 Datasheet HTML 6Page - STMicroelectronics STLC3075_09 Datasheet HTML 7Page - STMicroelectronics STLC3075_09 Datasheet HTML 8Page - STMicroelectronics STLC3075_09 Datasheet HTML 9Page - STMicroelectronics STLC3075_09 Datasheet HTML 10Page - STMicroelectronics STLC3075_09 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
STLC3075
Pin description
7/36
16
RS
Protection resistors image (the image resistor is connected from this node to ZAC)
17
ZB
Balance network for 2 to 4 wire conversion (the balance impedance ZB is connected
from this node to AGND. ZA impedance is connected from this node to ZAC1).
18
CAC
AC feedback input, AC/DC split capacitor (CAC)
19
TX
4 wire output port (TX output). The signal is referred to AGND. If connected to single
supply CODEC input it must be DC decoupled with proper capacitor.
20
CZ
Flyback compensation
21
VF
Feedback input for DC/DC converter controller
23
CLK
Power switch controller clock (typ. 125 kHz). This pin can also be connected to CVCC
or AGND. When the CLK pin is connected to CVCC an internal auto-oscillation is
internally generated and it is used instead of the external clock. When the CLK pin is
connected to AGND, the GATE output is disabled.
24
GATE
Driver for external power MOS transistor (P-channel in buckboost configuration, N-
channel in flyback configuration).
25
RSENSE
Voltage input for current sensing. RSENSE resistor should be connected close to this
pin and VPOS pin (Buckboost) or GND (Flyback). The PCB layout should minimize the
extra resistance introduced by the copper tracks.
26
VPOS
Positive supply input
27
CVCC
Internal positive voltage supply filter
28
AGND
Analog ground. Must be shorted with BGND.
29
RLIM
Constant current feed programming pin (via RLIM). RLIM should be connected close
to this pin and AGND pin to avoid noise injection.
30
IREF
Internal bias current setting pin. RREF should be connected close to this pin and
AGND pin to avoid noise injection.
31
RTH
Off-hook threshold programming pin (via RTH). RTH should be connected close to this
pin and AGND pin to avoid noise injection.
32
RD
DC feedback and ring trip input. RD should be connected close to this pin and AGND
pin to avoid noise injection.
33
ILTF
Transversal line current image output
34
CSVR
Battery supply filter capacitor
35
BGND
Battery ground, must be shorted with AGND
36
VBAT
Regulated battery voltage self generated by the device via DC/DC converter. Must be
shorted to VBAT1.
37
RING
2 wire ports; RING wire (Ib is the current sunk into this pin)
41
TIP
2 wire ports; TIP wire (Ia is the current sourced from this pin)
43
CREV
Reverse polarity transition time control. A proper capacitor connected between this pin
and AGND is setting the reverse polarity transition time. This is the same transition
time used to shape the ’trapezoidal ringing’ during ringing injection.
44
VBAT1
Frame connection. Must be shorted to VBAT
Table 2.
Pin description (continued)
N°
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com