Electronic Components Datasheet Search
  English  ▼

X  

STLC3075 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STLC3075
Description  Integrated POTS interface for home access gateway and WLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3075 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STLC3075_09 Datasheet HTML 22Page - STMicroelectronics STLC3075_09 Datasheet HTML 23Page - STMicroelectronics STLC3075_09 Datasheet HTML 24Page - STMicroelectronics STLC3075_09 Datasheet HTML 25Page - STMicroelectronics STLC3075_09 Datasheet HTML 26Page - STMicroelectronics STLC3075_09 Datasheet HTML 27Page - STMicroelectronics STLC3075_09 Datasheet HTML 28Page - STMicroelectronics STLC3075_09 Datasheet HTML 29Page - STMicroelectronics STLC3075_09 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Electrical characteristics
STLC3075
26/36
THL
Trans-hybrid loss
300 to 3400 Hz
20Log|VRX/VTX|
Active N. P., RL = 600 Ω (*)
30
dB
Ovl
2W overload level
At line terminals on ref. imped.
Active N. P., RL = 600 Ω (*)
3.2
dBm
TXoff
TX output offset
Active N. P., RL = 600 Ω (*)
-250
250
mV
G24
Transmit gain abs.
0 dBm @ 1020 Hz
Active N. P., RL = 600 Ω (*)
-6.4
-5.6
dB
G42
Receive gain abs.
0 dBm @ 1020 Hz
Active N. P., RL = 600Ω (*)
-0.4
0.4
dB
G24f
TX gain variation vs. frequency
Rel. 1020 Hz; 0 dBm
300 to 3400 Hz
Active N. P., RL = 600 Ω (*)
-0.12
0.12
dB
G24f
RX gain variation vs. freq.
Rel. 1020 Hz; 0dBm
300 to 3400 Hz
Active N. P., RL = 600 Ω (*)
-0.12
0.12
dB
V2Wp
Idle channel noise at line 0dB gain
set
Psophometric filtered
Active N. P., RL = 600 Ω (*)
Tamb = 0 to +85 °C
-73
-68
dBmp
V2Wp
Idle channel noise at line 0dB gain
set
Psophometric filtered
Active N. P., RL = 600 Ω (*)
Tamb = -40 to +85 °C
-68
dBmp
V4Wp
Idle channel noise at line 0dB gain
set
Psophometric filtered
Active N. P., RL = 600 Ω (*)
Tamb = 0 to +85 °C
-75
-70
dBmp
V4Wp
Idle channel noise at line 0dB gain
set
Psophometric filtered
Active N. P., RL = 600 Ω (*)
Tamb = -40 to +85 °C
-75
dBmp
Thd
Total harmonic distortion
Active N. P., RL = 600 Ω (*)
-44
dB
VTTX
Metering pulse level on line
Active - TTX; Gain Set = 1
Zl = 200
Ω fttx = 12 kHz
260
340
mVr
ms
CLKfreq
CLK operating range
-10%
125
10%
kHz
(*) RL: Line resistance
Ring
Vring
Line voltage
RING D2 toggling @ fr = 25 Hz
Load = 3REN
Crest Factor = 1.25
1REN = 1800
Ω + 1.0 µF
Tamb = 0 to +85 °C
45
49
Vrms
Table 17.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com