Electronic Components Datasheet Search
  English  ▼

X  

L99PM62XP Datasheet(PDF) 54 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 50Page - STMicroelectronics L99PM62XP Datasheet HTML 51Page - STMicroelectronics L99PM62XP Datasheet HTML 52Page - STMicroelectronics L99PM62XP Datasheet HTML 53Page - STMicroelectronics L99PM62XP Datasheet HTML 54Page - STMicroelectronics L99PM62XP Datasheet HTML 55Page - STMicroelectronics L99PM62XP Datasheet HTML 56Page - STMicroelectronics L99PM62XP Datasheet HTML 57Page - STMicroelectronics L99PM62XP Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 98 page
background image
Electrical specifications
L99PM62XP
54/98
Doc ID 16363 Rev 3
Table 25.
CAN bus common mode stabilization output termination: pin SPLIT
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VSPLIT,l
Split output voltage, loaded
condition (normal mode)
Active mode;
VTXDC = VTXDCHIGH;
|Isplit| = 500 µA
0.3*
VCANSUP
0.5*
VCANSUP
0.7*
VCANSUP
V
VSPLIT,u
Split output voltage,
unloaded condition (normal
mode)
Active mode;
VTXDC = VTXDCHIGH; No Load
0.5*
VCANSUP
0.55*
VCANSUP
V
ISPLIT
Split leakage current (low
power mode)
V1-standby mode;
-12 V < VSPLIT <12V
5µA
Table 26.
CAN transmitter and receiver: pins CANH and CANL
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCANHdom
CANH voltage level in dominant
state
Active mode;
VTXDC =VTXDCLOW;
RL =60 Ω
2.75
4.5
V
VCANLdom
CANL voltage level in dominant
state
Active mode;
VTXDC =VTXDCLOW;
RL =60 Ω
0.5
2.25
V
VDIFF,domOUT
Differential output voltage in
dominant state:
VCANHdom - VCANLdom
Active mode;
VTXDC =VTXDCLOW;
RL =60 Ω
1.5
3
V
VCM
Driver symmetry:
VCANHdom +0VCANLdom
Active mode;
VTXDC =VTXDCLOW;
RL =60 Ω;
CSPLIT =4.7 pF
0.9*
VCANSUP
VCANSUP
1.1*
VCANSUP
V
VCANHrec
CANH voltage level in recessive
state (normal mode)
Active mode;
VTXDC =VTXDCHIGH;
no load
22.5
3
V
VCANLrec
CANL voltage level in recessive
state (normal mode)
Active mode;
VTXDC =VTXDCHiGH;
no load
22.5
3
V
VCANHrecLP
CANH voltage level in recessive
state (low power mode)
V1 standby mode;
VTXDC =VTXDCHIGH;
no load
-0.1
0
0.1
V
VCANLrecLP
CANL voltage level in recessive
state (low power mode)
V1 standby mode;
VTXDC =VTXDCHiGH;
no load
-0.1
0
0.1
V
VDIFF,recOUT
Differential output voltage in
recessive state (normal mode):
VCANHrec - VCANLrec
Active mode;
VTXDC =VTXDCHIGH;
no load
-50
50
mV
VDIFF,recOUTLP
Differential output voltage in
recessive state (low power
mode): VCANHrec - VCANLrec
V1 standby mode;
VTXDC =VTXDCHIGH;
no load
-50
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com