Electronic Components Datasheet Search
  English  ▼

X  

L99PM62XP Datasheet(PDF) 81 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 81 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 77Page - STMicroelectronics L99PM62XP Datasheet HTML 78Page - STMicroelectronics L99PM62XP Datasheet HTML 79Page - STMicroelectronics L99PM62XP Datasheet HTML 80Page - STMicroelectronics L99PM62XP Datasheet HTML 81Page - STMicroelectronics L99PM62XP Datasheet HTML 82Page - STMicroelectronics L99PM62XP Datasheet HTML 83Page - STMicroelectronics L99PM62XP Datasheet HTML 84Page - STMicroelectronics L99PM62XP Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 98 page
background image
L99PM62XP
ST SPI
Doc ID 16363 Rev 3
81/98
Control register 3
Table 79.
Control register 2, bits
Bit
Name
Comment
15
Res
Reserved
14
Res
Reserved
13, 12
WU3_Filt
Wakeup filter configuration
11, 10
WU2_Filt
MSB
LSB
9, 8
WU1_Filt
0
0
Static, 64 µs
0
1
Enabled with timer 2; 80 µs blank
1
0
Enabled with timer 2; 800 µs blank
1
1
Enabled with timer 1; 800 µs blank
7
Res
Reserved
6
WU3_Pu/Pd
Pull up or pull down configuration
5
WU2_Pu/Pd
0
Pull down
4
WU1_Pu/Pd
1
Pull up
3
Res
Reserved
2
WU3_EN
Enable Wake up source
1WU2_EN
0
Disable
0
WU1_EN
1
Enable
Table 80.
Control register 3: command data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
x
x
000
011
Data, 8bit
Data, 8 bit
Table 81.
Control register 3, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Defaults
00
0
0
0
0
0
0
01
1
0
0
Function
Res
T1
On
T1
Per
MSB
T1
Per
LSB
Res
T2
On
T2
Per
MSB
T2
Per
LSB
Res
Res
WD
time
MSB
WD
time
LSB
LIN
WU
En
CAN
WU
En
Wake
timer
En
Wake
timer
select
Group
Timer Settings
Watchdog and cyclic wake up settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com