Electronic Components Datasheet Search
  English  ▼

X  

L99PM62XP Datasheet(PDF) 61 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 57Page - STMicroelectronics L99PM62XP Datasheet HTML 58Page - STMicroelectronics L99PM62XP Datasheet HTML 59Page - STMicroelectronics L99PM62XP Datasheet HTML 60Page - STMicroelectronics L99PM62XP Datasheet HTML 61Page - STMicroelectronics L99PM62XP Datasheet HTML 62Page - STMicroelectronics L99PM62XP Datasheet HTML 63Page - STMicroelectronics L99PM62XP Datasheet HTML 64Page - STMicroelectronics L99PM62XP Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 98 page
background image
L99PM62XP
Electrical specifications
Doc ID 16363 Rev 3
61/98
DO
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V < VS < 18 V; 4.5 V < V1 < 5.3 V; all outputs open; Tj = -40 °C to
130 °C, unless otherwise specified.
DO timing
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V < VS < 18 V; 4.5 V < V1 < 5.3 V; all outputs open; Tj = -40 °C to
130 °C, unless otherwise specified.
Table 36.
DI timing(1)
1.
See
Figure 30.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tCLK
Clock period
V1 = 5 V
1000
-
ns
tCLKH
Clock high time
V1 = 5 V
400
-
ns
tCLKL
Clock low time
V1 = 5 V
400
-
ns
tset CSN
CSN setup time, CSN low
before rising edge of CLK
V1 = 5 V
400
-
ns
tset CLK
CLK setup time, CLK high
before rising edge of CSN
V1 = 5 V
400
-
ns
tset DI
DI setup time
V1 = 5 V
200
-
ns
thold DI
DI hold time
V1 = 5 V
200
-
ns
tr in
Rise time of input signal
DI, CLK, CSN
V1 = 5 V
-
100
ns
tf in
Fall time of input signal
DI, CLK, CSN
V1 = 5 V
-
100
ns
Table 37.
DO output pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDOL
Output low level
V1 = 5 V, ID = -4 mA
0.5
V
VDOH
output high level
V = 5 V, ID = 4 mA
4.5
V
IDOLK
3-state leakage current
VCSN = V1, 0 V < VDO < V1
-10
10
µA
CDO
2
3-state input
capacitance
VCSN = V1,
0 V < V1 < 5.3 V
10
15
pF
Table 38.
DO timing(1)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tr DO
DO rise time
CL = 100 pF, ILOAD = -1 mA
-
50
100
ns
tf DO
DO fall time
CL = 100 pF, ILOAD = 1 mA
-
50
100
ns
ten DO tri L
DO enable time
from 3-state to low level
CL = 100 pF, ILOAD = 1 mA
pull-up load to V1
-50
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com