Electronic Components Datasheet Search
  English  ▼

X  

L99PM62XP Datasheet(PDF) 60 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 56Page - STMicroelectronics L99PM62XP Datasheet HTML 57Page - STMicroelectronics L99PM62XP Datasheet HTML 58Page - STMicroelectronics L99PM62XP Datasheet HTML 59Page - STMicroelectronics L99PM62XP Datasheet HTML 60Page - STMicroelectronics L99PM62XP Datasheet HTML 61Page - STMicroelectronics L99PM62XP Datasheet HTML 62Page - STMicroelectronics L99PM62XP Datasheet HTML 63Page - STMicroelectronics L99PM62XP Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 98 page
background image
Electrical specifications
L99PM62XP
60/98
Doc ID 16363 Rev 3
5.5.14
SPI
Input: CSN
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V < VS < 18 V; 4.5 V < V1 < 5.3 V; all outputs open; Tj = -40 °C to
130 °C, unless otherwise specified.
Input: CSN
CLK, DI
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V < VS < 18 V; 4.5 V < V1 < 5.3 V; all outputs open; Tj = -40 °C to
130 °C, unless otherwise specified.
DI timing
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V < VS < 18 V; 4.5 V < V1 < 5.3 V; all outputs open; Tj = -40 °C to
130 °C, unless otherwise specified.
Table 34.
Input: CSN
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCSNLOW Input voltage low level
Normal mode, V1 = 5 V
1.35
1.8
V
VCSNHIGH Input voltage high level
Normal mode, V1 =5 V
2
2.8
V
VCSNHYS
VCSNHIGH - VCSNLOW
Normal mode, V1 =5 V
0.6
1.0
1.5
V
ICSNPU
CSN pull up resistor
Normal mode, V1 =5 V
10
20
35
k
Ω
Table 35.
Input CLK, DI
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tset
delay time from standby
to active mode
Switching from standby to
active mode. Time until
output drivers are enabled
after CSN going to high.
160
300
µs
Vin L
input low level
V1 = 5 V
1.0
2.05
2.5
V
Vin H
input high level
V1 = 5 V
1.5
2.8
3.5
V
Vin Hyst
input hysteresis
V1 = 5 V
0.4
0.75
1.5
V
I in
pull down current at
input
Vin = 1.5 V
5
30
60
µA
Cin
(1)
1.
Value of input capacity is not measured in production test. Parameter guaranteed by design.
input capacitance at
input CSN, CLK, DI and
PWM1,2
0V < V1 < 5.3 V
10
15
pF
fCLK
SPI input frequency at
CLK
1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com