Electronic Components Datasheet Search
  English  ▼

X  

HT46R017 Datasheet(PDF) 59 Page - Holtek Semiconductor Inc

Part # HT46R017
Description  Enhanced A/D Type 8-Bit OTP MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R017 Datasheet(HTML) 59 Page - Holtek Semiconductor Inc

Back Button HT46R017 Datasheet HTML 55Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 56Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 57Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 58Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 59Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 60Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 61Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 62Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 63Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
Rev. 1.00
58
���� 1�� �01�
Rev. 1.00
59
���� 1�� �01�
HT46R016/HT46R017
Enhanced A/D 8-Bit OTP MCU
● Step 6
The analog to digital conversion process can now be initialised by setting the START bit in
the ADCR0 register from "0" to "1" and then to "0" again. Note that this bit should have been
originally set to "0".
● Step 7
To check when the analog to digital conversion process is complete, the EOCB bit in the ADCR0
register can be polled. The conversion process is complete when this bit goes low. When this
occurs the A/D data registers ADRL and ADRH can be read to obtain the conversion value. As an
alternative method, if the interrupts are enabled and the stack is not full, the program can wait for
an A/D interrupt to occur.
Note: When checking for the end of the conversion process, if the method of polling the EOCB bit
in the ADCR0 register is used, the interrupt enable step above can be omitted.
The accompanying diagram shows graphically the various stages involved in an analog to digital
conversion process and its associated timing.
The setting up and operation of the A/D converter function is fully under the control of the
application program as there are no configuration options associated with the A/D converter. After an
A/D conversion process has been initiated by the application program, the microcontroller internal
hardware will begin to carry out the conversion, during which time the program can continue with
other functions. The time taken for the A/D conversion is 16tAD where tAD is equal to the A/D clock
period.
t AD C
A/ D c onv er si on ti me
0000B
xxx B
xxxxB - A CE [ 3: 0] i s not e q ual t o "0 "
010B
ST AR T
EO CB
AC E3 ~
AC E0
A CS 4,
AC S1 ~A CS 0
Po we r- on
Re se t
En d of A /D
co nv er si on
1: D ef i ne po rt c on fi gu ra ti on
2: S el ec t anal og c hannel
t A DCS =4 t AD
t AD C = 16 t AD
No te :
St ar t of A /D
co nv er si on
Re se t A/ D
co nv er te r
A/ D sa mp li ng ti me
t A DCS
000B
St ar t of A /D
co nv er si on
Re se t A/ D
co nv er te r
001B
St ar t o f A/ D
co nv er si on
Re se t A/ D
co nv er te r
En d of A /D
co nv er si on
A/ D sa mp li ng ti me
t A DCS
AD C mo du le
ON
AD OF F
of f
on
on
t ON 2S T
t AD C
A/ D c onv er si on ti me
A/D Conversion Timing
Note: tADCS=4tAD
tADC=16tAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com