Electronic Components Datasheet Search
  English  ▼

X  

HT46R017 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT46R017
Description  Enhanced A/D Type 8-Bit OTP MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R017 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT46R017 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
Rev. 1.00
8
���� 1�� �01�
Rev. 1.00
9
���� 1�� �01�
HT46R016/HT46R017
Enhanced A/D Type 8-Bit OTP MCU
HT46R017
Pin Name
Function
OPT
I/T
O/T
Description
PA0/PFD
PA0
PAPU
PAWK
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p and wake-�p
PFD
CTRL0
—
CMOS PFD o�tp�t
PA1/PFD
PA1
PAPU
PAWK
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p and wake-�p
PFD
CTRL0
—
CMOS PFD Comp�ementar� O�tp�t
PA�/TC0
PA�
PAPU
PAWK
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p and wake-�p
TC0
TMR0C ST
—
Externa� Timer 0 c�ock inp�t
PA3/INT
PA3
PAPU
PAWK
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p and wake-�p
INT
CTRL0 ST
—
Externa� interr�pt inp�t
PA4/PWM/TC1
PA4
PAPU
PAWK
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p and wake-�p
PWM
CTRL0
—
CMOS PWM o�tp�t
TC1
TMR1C ST
—
Externa� Timer 1 c�ock inp�t
PA5/OSC�
PA5
PAPU
PAWK
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p and wake-�p
OSC�
CO
—
HXT Osci��ator pin
PA�/OSC1
PA�
PAPU
PAWK
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p and wake-�p
OSC1
CO
HXT
—
Osci��ator pin
PA7
PA7
PAWK
ST
NMOS Genera� p�rpose I/O. Register enab�ed wake-�p
PB0/AN0/
VREF
PB0
PBPU
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p
AN0
ADCR0 AN
—
A/D channe� 0
VREF
ADCR1 AN
—
A/D reference inp�t
PB1/AN1~
PB3/AN3
PBn
PBPU
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p
ANn
ADCR0 AN
—
A/D channe� n
PB4~PB5
PBn
PBPU
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p
VDD
VDD
—
PWR
—
Power s�pp��
VSS
VSS
—
PWR
—
Gro�nd
Note: I/T: Input type;
O/T: Output type
OPT: Optional by configuration option (CO) or register option
PWR: Power;
CO: Configuration option
ST: Schmitt Trigger input;
CMOS: CMOS output;
AN: Analog input
HXT: High frequency crystal oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com