Electronic Components Datasheet Search
  English  ▼

X  

HT46R017 Datasheet(PDF) 90 Page - Holtek Semiconductor Inc

Part # HT46R017
Description  Enhanced A/D Type 8-Bit OTP MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R017 Datasheet(HTML) 90 Page - Holtek Semiconductor Inc

Back Button HT46R017 Datasheet HTML 83Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 84Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 85Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 86Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 87Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 88Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 89Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 90Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 91Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 90 / 91 page
background image
Rev. 1.00
90
���� 1�� �01�
Rev. 1.00
91
���� 1�� �01�
HT46R016/HT46R017
Enhanced A/D Type 8-Bit OTP MCU
Carrier Tape Dimensions
16-pin NSOP (150mil)
Symbol
Description
Symbol Description Dimensions in mm
W
Carrier Tape Width
1�.0±0.3
P
Cavit� Pitch
8.0±0.1
E
Perforation Position
1.75±0.1
F
Cavit� to Perforation (Width Direction)
7.5±0.1
D
Perforation Diameter
1.55+0.10/-0.00
D1
Cavit� Ho�e Diameter
1.50+0.�5/-0.00
P0
Perforation Pitch
4.0±0.1
P1
Cavit� to Perforation (Length Direction)
�.0±0.1
A0
Cavit� Length
�.5±0.1
B0
Cavit� Width
10.3±0.1
K0
Cavit� Depth
�.1±0.1
t
Carrier Tape Thickness
0.30±0.05
C
Cover Tape Width
13.3±0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com