| Electronic Components Datasheet Search |
|
HT46R017 Datasheet(PDF) 80 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46R017 Datasheet(HTML) 80 Page - Holtek Semiconductor Inc |
|
80 / 91 page ![]() Rev. 1.00 80 ���� 1�� �01� Rev. 1.00 81 ���� 1�� �01� HT46R016/HT46R017 Enhanced A/D Type 8-Bit OTP MCU . Rotate Data Memor� �eft with res��t in ACC The contents of the specified Data Memor� are rotated �eft b� 1 bit with bit 7 rotated into bit 0. The rotated res��t is stored in the Acc�m��ator and the contents of the Data Memor� remain �nchanged. ACC.(i+1) ← [m].i; (i = 0~�) ACC.0 ← [m].7 None Rotate Data Memor� �eft thro�gh Carr� The contents of the specified Data Memory and the carry flag are rotated left by 1 bit. Bit 7 replaces the Carry bit and the original carry flag is rotated into bit 0. [m].(i+1) ← [m].i; (i = 0~�) [m].0 ← C C ← [m].7 C Rotate Data Memor� �eft thro�gh Carr� with res��t in ACC Data in the specified Data Memory and the carry flag are rotated left by 1 bit. Bit 7 replaces the Carry bit and the original carry flag is rotated into the bit 0. The rotated res��t is stored in the Acc�m��ator and the contents of the Data Memor� remain �nchanged. ACC.(i+1) ← [m].i; (i = 0~�) ACC.0 ← C C ← [m].7 C Rotate Data Memor� right The contents of the specified Data Memory are rotated right by 1 bit with bit 0 rotated into bit 7. [m].i ← [m].(i+1); (i = 0~�) [m].7 ← [m].0 None Rotate Data Memor� right with res��t in ACC Data in the specified Data Memory and the carry flag are rotated right by 1 bit with bit 0 rotated into bit 7. The rotated res��t is stored in the Acc�m��ator and the contents of the Data Memor� remain �nchanged. ACC.i ← [m].(i+1); (i = 0~�) ACC.7 ← [m].0 None Rotate Data Memor� right thro�gh Carr� The contents of the specified Data Memory and the carry flag are rotated right by 1 bit. Bit 0 replaces the Carry bit and the original carry flag is rotated into bit 7. [m].i ← [m].(i+1); (i = 0~�) [m].7 ← C C ← [m].0 C RLA [m] Description Operation Affected flag(s) RLC [m] Description Operation Affected flag(s) RLCA [m] Description Operation Affected flag(s) RR [m] Description Operation Affected flag(s) RRA [m] Description Operation Affected flag(s) RRC [m] Description Operation Affected flag(s) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |