Electronic Components Datasheet Search
  English  ▼

X  

HT46R017 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT46R017
Description  Enhanced A/D Type 8-Bit OTP MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R017 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT46R017 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 91 page
background image
Rev. 1.00
�
���� 1�� �01�
Rev. 1.00
7
���� 1�� �01�
HT46R016/HT46R017
Enhanced A/D Type 8-Bit OTP MCU
General Description
The Enhanced A/D MCUs are a series of 8-bit high performance, RISC architecture microcontrollers
specifically designed for a wide range of applications. The usual Holtek microcontroller features of
low power consumption, I/O flexibility, timer functions, oscillator options, power down and wake-up
functions, watchdog timer and low voltage reset, combine to provide devices with a huge range of
functional options while still maintaining a high level of cost effectiveness. The fully integrated
system oscillator HIRC, which requires no external components and which has three frequency
selections, opens up a huge range of new application possibilities for these devices, some of which
may include industrial control, consumer products, household appliances subsystem controllers, etc.
Selection Table
Part No. ROM RAM I/O 8-bit
Timer
Time
Base
HIRC
(MHz)
A/D
PWM
PFD Stack
Package
HT46R016 1K×16 64×8 14
1
1
4/8/12 12-bit×4 8-bit×1
√
2
16DIP/NSOP
HT46R017 2K×16 96×8 14
2
1
4/8/12 12-bit×4 8-bit×1
√
4
16DIP/NSOP
Block Diagram
Ti mi ng
Ge ner at io n
8- bi t
RI SC
MC U
Co re
RO M/ RA M
Me mo ry
A/ D
Co nv er te r
Ti me
Ba se
Ti me r
PW M
Dr iv er
I/ O
Po rt s
PF D
Dr iv er
Pin Assignment
HT46R017
16 DIP/NSOP- A
PA3/INT
PA�/TC0
PA1/PFD
PA0/PFD
VSS
PB0/AN0/VREF
PB1/AN1
PB�/AN�
PA4/PWM/TC1
PA5/OSC�
PA�/OSC1
PA7
VDD
PB5
PB4
PB3/AN3
1�
15
14
13
1�
11
10
9
1
�
3
4
5
�
7
8
HT46R016
16 DIP/NSOP- A
PA3/INT
PA�/TC0
PA1/PFD
PA0/PFD
VSS
PB0/AN0/VREF
PB1/AN1
PB�/AN�
PA4/PWM
PA5/OSC�
PA�/OSC1
PA7
VDD
PB5
PB4
PB3/AN3
1�
15
14
13
1�
11
10
9
1
�
3
4
5
�
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com