Electronic Components Datasheet Search
  English  ▼

X  

HT46R017 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT46R017
Description  Enhanced A/D Type 8-Bit OTP MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R017 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT46R017 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 91 page
background image
Rev. 1.00
34
���� 1�� �01�
Rev. 1.00
35
���� 1�� �01�
HT46R016/HT46R017
Enhanced A/D 8-Bit OTP MCU
Reset Initial Conditions
The different types of reset described affect the reset flags in different ways. These flags, known
as PDF and TO are located in the status register and are controlled by various microcontroller
operations, such as the Power Down Mode function or Watchdog Timer. The reset flags are shown in
the table:
TO
PDF
RESET Conditions
0
0
Power-on reset
�
�
LVR reset d�ring NORMAL Mode operation
1
�
WDT time-o�t reset d�ring NORMAL Mode operation
1
1
WDT time-o�t reset d�ring Power down Mode operation
“�” �nchanged
The following table indicates the way in which the various components of the microcontroller are
affected after a power-on reset occurs.
Item
Condition After RESET
Program Co�nter
Reset to zero
Interr�pts
A�� interr�pts wi�� be disab�ed
Presca�er� Divider
C�eared
WDT
C�ear after reset� WDT begins co�nting
Timer/Event Co�nter Timer Co�nter wi�� be t�rned off
Inp�t/O�tp�t Ports
I/O ports wi�� be set�p as inp�ts
Stack Pointer
Stack Pointer wi�� point to the top of the stack
The different kinds of resets all affect the internal registers of the microcontroller in different ways.
To ensure reliable continuation of normal program execution after a reset occurs, it is important to
know what condition the microcontroller is in after a particular reset occurs. The following table
describes how each type of reset affects the microcontroller internal registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com