| Electronic Components Datasheet Search |
|
LPC800 Datasheet(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC800 Datasheet(HTML) 3 Page - NXP Semiconductors |
|
3 / 24 page ![]() 3 LPC Go Entry-level microcontrollers LPC Command Application processors ideal for Linux LPC Connect Point-to-point connectivity LPC ConnectPlus MCU + USB + Ethernet + LCD +... LPC ConnectTurbo Fastest Cortex-M microcontrollers 32-bit versatility with 8-bit simplicity Game-changing peripherals Replaces 8/16-bit solutions Application processors High-level OS (Linux) LPC3100 LPC3200 Point-to-point connectivity USB or CAN or segment LCD Faster clock speeds USB + Ethernet + LCD + CAN More integration Fastest clock speeds HS USB, LCD, CAN, and/or Ethernet with DSP instructions Highest level of integration LPC800 LPC1100 LPC1100LV LPC11E00 LPC131x LPC210 LPC11Uxx LPC11Cxx LPC11A00 LPC1200 LPC134x LPC213x LPC214x LPC4000 LPC1700 LPC2200 LPC2300 LPC2400 LPC1800 LPC4300 LPC2900 Unmatched functionality Every NXP LPC microcontroller builds on our well-established, long-term strategic relationship with ARM. We have early access to next-generation IP, so you can be sure you’re always working with the latest technologies, and we pack our devices with features you simply won’t find anywhere else. We use the same building blocks in many of our MCUs, and offer pin- and software-compatible options across product families and across cores. That means you have the freedom to add or subtract features, without having to migrate to a new architecture, and you have a flexible way to support your entire product line — now and in the future. With NXP LPC microcontrollers, it’s easy to scale and reuse your hardware and software designs, whether you’re upgrading or downgrading functionality. Proven leadership NXP’s LPC portfolio has continually set the standard for performance, integration, and price, and has been recognized, time and again, for its groundbreaking levels of connectivity, power consumption, and ease of use. We were first to add independent bus systems and local bus I/O, first with integrated features like Flash/EEPROM memory, real-time debug, and embedded trace, and first to deliver a market-ready Cortex™-M0 device. Our unique, patent-pending peripherals continue to set us apart, and we’re the only supplier to offer a dual-core M4/M0. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |