Electronic Components Datasheet Search
  English  ▼

X  

LPC800 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC800
Description  NXP LPC microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC800 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC800 Datasheet HTML 1Page - NXP Semiconductors LPC800 Datasheet HTML 2Page - NXP Semiconductors LPC800 Datasheet HTML 3Page - NXP Semiconductors LPC800 Datasheet HTML 4Page - NXP Semiconductors LPC800 Datasheet HTML 5Page - NXP Semiconductors LPC800 Datasheet HTML 6Page - NXP Semiconductors LPC800 Datasheet HTML 7Page - NXP Semiconductors LPC800 Datasheet HTML 8Page - NXP Semiconductors LPC800 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
NXP’s LPC Go microcontrollers feature unprecedented performance, simplicity, and low
power consumption. These devices, based on 32-bit ARM cores, are the most cost-effective
options compared to 8/16-bit solutions and provide a dramatic reduction in code size for every
application. They deliver lower system cost and less power consumption, in an elegant, easy-to-
use format that improves time-to-market.
4
Cortex-M0+, Cortex-M0, Cortex-M3, and ARM7-based microcontrollers
4
Best-in-class low-current performance
4
Industry’s broadest package selection
LPC Go
2x 32-bit
timers
2x 16-bit
timers
Power
control
Clock
generation
unit
High-speed
GPIOs
Watchdog
timers
Systick
timer
UART,
I2C, SPI
Up to 8 ch
10-bit ADC
LPC Go common features
LPC800
LPC11xx
LPC11xx
in small
packages
LPC11xxLV
LPC11Exx
LPC122x
LPC131x
LPC210x
Freq (max)
30 MHz
50 MHz
50 MHz
50 MHz
50 MHz
50 MHz
72 MHz
72 MHz
Flash
Up to 16 KB Up to 64 KB
Up to 32 KB
Up to 32 KB Up to 32 KB Up to 128 KB Up to 64 KB Up to 64 KB
RAM
Up to 8 KB
Up to 8 KB
Up to 8 KB
Up to 8 KB
Up to 8 KB
Up to 8 KB
Up to 8 KB
Up to 8 KB
EEPROM
Up to 4 KB
Up to 4 KB
Core
Cortex-M0+
Cortex-M0
Cortex-M0
Cortex-M0
Cortex-M0
Cortex-M0
Cortex-M3
ARM7TDMI
Analog
Comparator
8/10b ADC
8/10b ADC
8/10b ADC
8/10b ADC
8/10b ADC
Comparator
8/10b ADC
8/10b ADC
Package
DIP8
SO20
TSSOP16
TSSOP20
LQFP48
QFN33
QFN24
CSP
SO20
TSSOP20/28
DIP28
CSP
QFN24
HVQFN33
LQFP48
LQFP64
LQFP48
LQFP64
HVQFN33
LQFP48
LQFP64
LQFP48
HVQFN48
LPC Go lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com