Electronic Components Datasheet Search
  English  ▼

X  

LPC800 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # LPC800
Description  NXP LPC microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC800 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button LPC800 Datasheet HTML 13Page - NXP Semiconductors LPC800 Datasheet HTML 14Page - NXP Semiconductors LPC800 Datasheet HTML 15Page - NXP Semiconductors LPC800 Datasheet HTML 16Page - NXP Semiconductors LPC800 Datasheet HTML 17Page - NXP Semiconductors LPC800 Datasheet HTML 18Page - NXP Semiconductors LPC800 Datasheet HTML 19Page - NXP Semiconductors LPC800 Datasheet HTML 20Page - NXP Semiconductors LPC800 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LPCXpresso IDE
This Eclipse-based software development
environment, powered by Code Red, includes
all the tools necessary to develop high-quality
software solutions in less time and with a lower
budget. Along with the latest version of the
industry-standard Eclipse GNU toolchain, the IDE
includes a proprietary, optimized C library, and can
be used to build an executable of any size, with full
code optimization.
LPCXpresso development boards
Our LPCXpresso target boards, jointly developed by NXP, Code Red, and Embedded Artists, include an
integrated JTAG debugger, so there’s no need for a separate JTAG debug probe. The target portion of the
board can connect to expansion boards for access to a number of interfaces and I/O devices. The on-board
JTAG debugger provides a high-speed USB-to-JTAG/SWD interface to the IDE, and it can be connected to
other debug targets, including a customer target. The LPCXpresso IDE also works with the Red Probe JTAG
adapter from Code Red.
LPC-Link™ debugger board
The JTAG/SWD debugger board, called LPC-Link, is equipped with a 10-pin JTAG header and seamlessly
connects to a target via USB. Cutting the traces between the LPC-Link and the target makes the LPC-Link a
standalone JTAG debugger, so you can connect the LPCXpresso platform to an external target for use with a
wide variety of ARM-based applications.
LPCXpresso support
If you have questions about using an LPCXpresso board, answers are easy to find. We have a dedicated site
for LPCXpresso support (www.nxp.com/lpcxpresso-support), and there are more than 5,000 community
members on the LPCXpresso forum (www.nxp.com/lpcxpresso-forum), ready to share their tips and expertise.
Rapid prototyping with mbed
This remarkable online tool, co-developed by NXP and ARM,
is the only online rapid prototyping tool for ARM products. It
provides a tightly coupled combination of hardware and software,
so it’s a quick, easy way to try out your latest design ideas. New
users can get started in just minutes, and compiling the first
program can take as little as 60 seconds. For more information,
please visit http://mbed.org.
Benefits of mbed
4
Get started right away; there’s nothing to install
4
Get working fast, using high-level APIs
4
Explore, test, and demonstrate your ideas more effectively
4
Write clean, compact code that’s easy to modify
4
Log in from anywhere, on Windows, Mac, or Linux
The LPC-Link debugger board
The mbed rapid prototyping tool



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com