Electronic Components Datasheet Search
  English  ▼

X  

LPC800 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC800
Description  NXP LPC microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC800 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC800 Datasheet HTML 3Page - NXP Semiconductors LPC800 Datasheet HTML 4Page - NXP Semiconductors LPC800 Datasheet HTML 5Page - NXP Semiconductors LPC800 Datasheet HTML 6Page - NXP Semiconductors LPC800 Datasheet HTML 7Page - NXP Semiconductors LPC800 Datasheet HTML 8Page - NXP Semiconductors LPC800 Datasheet HTML 9Page - NXP Semiconductors LPC800 Datasheet HTML 10Page - NXP Semiconductors LPC800 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
ARM
Cortex-M0
Up to 50 MHz
Flash
Up to 128 kB
SRAM
Up to 12 kB
EEPROM
up to 4 kB
ROM
(USB drivers)*
Bridge
Clock Generation Unit
12 MHz, 1% IRC OSC, Watchdog OSC,
1-25 MHz System OSC, System PLL
Power Control
PMU, power modes, BOD, single
V
DD power supply, POR
High Speed GPIO
Up to 54
ADC
8 channel, 10-bit
I2C
SSP (2)
USB
USART/Smartcard
32-bit Timers (2)
WWDT
16-bit Timers (2)
Systick Timer
SYSTEM
TIMERS
ANALOG
SERIAL INTERFACES
LPC11U00
*Applies to LPC11U2x/3x only
It’s never been
easier to add
plug-and-play
connectivity to
your system design
Featured product
LPC11U00
4
Plug-and-play with USB: low-cost, low-power USB Cortex-M0
with integrated EEPROM
4
USB ROM drivers: MSC, HID, CDC, and composite in
LPC11U2x/3x
4
Free PID/VID program on LPCware.com
4
Pin-compatible within LPC11U00 series from 16 to128 kB;
and to higher-performance LPC134x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com