Electronic Components Datasheet Search
  English  ▼

X  

LPC800 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC800
Description  NXP LPC microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC800 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC800 Datasheet HTML 2Page - NXP Semiconductors LPC800 Datasheet HTML 3Page - NXP Semiconductors LPC800 Datasheet HTML 4Page - NXP Semiconductors LPC800 Datasheet HTML 5Page - NXP Semiconductors LPC800 Datasheet HTML 6Page - NXP Semiconductors LPC800 Datasheet HTML 7Page - NXP Semiconductors LPC800 Datasheet HTML 8Page - NXP Semiconductors LPC800 Datasheet HTML 9Page - NXP Semiconductors LPC800 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
NXP’s LPC Connect microcontrollers add point-to-point connectivity to LPC Go products.
LPC Connect devices combine plug-and-play USB or CAN interfaces with software-integrated
drivers in on-chip ROM, so it’s never been easier to add connectivity to your system. Get to
market faster with a connected, efficient, and cost-effective system.
4
Cortex-M0, Cortex-M3, and ARM7-based microcontrollers
4
High performance on standard serial interfaces (SSP, I2C, etc.)
4
Pin-to-pin compatible options for scalable performance
4
Integrated USB 2.0 or CAN 2.0B transceiver
4
USB drivers in ROM: MSC, HID, CDC, DFU
4
CANopen drivers in ROM, programming via CAN
LPC Connect
2x 32-bit
timers
2x 16-bit
timers
Power
control
High-speed
GPIOs
Watchdog
timer
Systick
timer
UART,
I2C, SPI
8 channel
10-bit ADC
Packages
(CSP, LQFP,
HVQFN)
LPC Connect common features
LPC11Uxx
LPC11Cxx
LPC11Dxx
LPC11Axx
LPC134x
LPC213x
LPC214x
Freq (max)
50 MHz
50 MHz
50 MHz
50 MHz
72 MHz
60 MHz
60 MHz
Flash
16 to 128 KB
16/32 KB
Up to 64 KB
8 to 32 KB
8 to 64 KB
32 to 512 KB 32 to 512 KB
RAM
6 to 12 KB
8 KB
Up to 8 KB
2 to 8 KB
4 to 12 KB
8 to 32 KB
8 to 32 KB
EEPROM
Up to 4 KB
Up to 4 KB
Up to 4 KB
Core
Cortex-M0
Cortex-M0
Cortex-M0
Cortex-M0
Cortex-M3
ARM7
ARM7
FS USB
•
•
•
CAN
With Tx
ADC
10-bit
10-bit
10-bit
10 or 12-bit
10-bit
10-bit
Packages
HVQFN33
LQFP48
LQFP64
LQFP48
LQFP100
WLCSP20
HVQFN33
LQFP48
HVQFN33
LQFP48
LQFP64
LQFP64
HVQFN64
LQFP64
LPC Connect lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com