Electronic Components Datasheet Search
  English  ▼

X  

LPC800 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC800
Description  NXP LPC microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC800 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC800 Datasheet HTML 6Page - NXP Semiconductors LPC800 Datasheet HTML 7Page - NXP Semiconductors LPC800 Datasheet HTML 8Page - NXP Semiconductors LPC800 Datasheet HTML 9Page - NXP Semiconductors LPC800 Datasheet HTML 10Page - NXP Semiconductors LPC800 Datasheet HTML 11Page - NXP Semiconductors LPC800 Datasheet HTML 12Page - NXP Semiconductors LPC800 Datasheet HTML 13Page - NXP Semiconductors LPC800 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
NXP’s LPC ConnectTurbo microcontrollers are built for speed and include the industry’s fastest
Cortex-M microcontrollers. This “turbo-charged” performance is combined with advanced
peripherals for solving complex design challenges. LPC ConnectTurbo innovations include
Hi-speed USB with integrated Hi-speed PHY, NXP’s unique SPI Flash Interface (SPIFI), a State
Configurable Timer (SCT), Serial GPIO, and the industry’s first dual-core Cortex-M4/M0. All this
integration reduces system cost and enables unprecedented embedded performance.
4
Cortex-M3, Cortex-M4, and ARM9-based microcontrollers
4
Up to 204 MHz
4
HS-USB with on-chip PHY + Ethernet + Graphic LCD
4
Unique, asymmetrical dual-core architecture, featuring two ARM processors (LPC4300)
4
State Configurable Timer (SCT) for solving complex timing/PWM challenges
4
Serial GPIO (SGPIO) to increase connectivity
4
Quad SPI Flash Interface (SPIFI) for a low-cost way to expand system Flash
LPC ConnectTurbo
LPC ConnectTurbo common features
Ext bus
interface
HS USB
H/O/D
(up to 2)
Power
control
Clock
generation
unit
High-speed
GPIOs
Watchdog
timer
Systick
timer
UART,
I2C, SPI
CAN (2)
LPC ConnectTurbo lines
LPC18x0
Flashless
LPC18xx
LPC43x0
Flashless
LPC4300
LPC2900
Frequency (max)
180 MHz
180 MHz
204 MHz
204 MHz
125 MHz
Flash
512 KB to 1 MB
512 KB to 1 MB
0 to 768 KB
RAM
132 to 200 KB
104 to 136 KB
168 to 264 KB
104 to 136 KB
24 to 56 KB
EEPROM
16 KB
16 KB
16 KB
HS USB
•
•
•
•
Ethernet
•
•
•
•
TFT LCD
•
•
•
•
DSP + FPU
•
•
SCT, SPIFI
•
•
•
•
SGPIO
•
•
Dual Core
•
•
Core
Cortex-M3
Cortex-M3
Cortex-M4/M0
Cortex-M4/M0
ARM968E-S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com