Electronic Components Datasheet Search
  English  ▼

X  

ICX075AL Datasheet(PDF) 13 Page - Sony Corporation

Part # ICX075AL
Description  Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for CCIR B/W Video Cameras
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX075AL Datasheet(HTML) 13 Page - Sony Corporation

Back Button ICX075AL Datasheet HTML 9Page - Sony Corporation ICX075AL Datasheet HTML 10Page - Sony Corporation ICX075AL Datasheet HTML 11Page - Sony Corporation ICX075AL Datasheet HTML 12Page - Sony Corporation ICX075AL Datasheet HTML 13Page - Sony Corporation ICX075AL Datasheet HTML 14Page - Sony Corporation ICX075AL Datasheet HTML 15Page - Sony Corporation ICX075AL Datasheet HTML 16Page - Sony Corporation ICX075AL Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
– 13 –
ICX075AL
Image Sensor Characteristics Measurement Method
Measurement conditions
1) In the following measurements, the substrate voltage is set to the value indicated on the device, and the
device drive conditions are at the typical values of the bias and clock voltage conditions.
2) In the following measurements, spot blemishes are excluded and, unless otherwise specified, the optical
black level (OB) is used as the reference for the signal output and the value measured at point [∗A] in the
measurement system is used.
3) In the following measurements, this image sensor is operated in 1/50s interlaced mode.
Definition of standard imaging conditions
1) Standard imaging condition I:
Use a pattern box (luminance 706cd/m2, color temperature of 3200K halogen source) as a subject.
(Pattern for evaluation is not applicable.) Use a testing standard lens with CM500S (t = 1.00mm) as an IR
cut filter and image at F8. The luminous intensity to the sensor receiving surface at this point is defined as
the standard sensitivity testing luminous intensity.
2) Standard imaging condition II:
Image a light source (color temperature of 3200K) with a uniformity of brightness within 2% at all angles.
Use a testing standard lens with CM500S (t = 1.00mm) as an IR cut filter. The luminous intensity is
adjusted to the value indicated in each testing item by the lens diaphragm.
1. Sensitivity
Set to standard imaging condition I. After selecting the electronic shutter mode with a shutter speed of
1/250s, measure the signal output (Vs) at the center of the screen and substitute the value into the
following formula.
S = Vs
×
[mV]
2. Saturation signal
Set to standard imaging condition II. After adjusting the luminous intensity to 10 times the intensity with
average value of signal output, 120mV, measure the minimum value of the signal output.
3. Smear
Set to standard imaging condition II. With the lens diaphragm at F5.6 to F8, adjust the luminous intensity to
500 times the intensity with average value of signal output, 120mV. When the readout clock is stopped and
the charge drain is executed by the electronic shutter at the respective H blankings, measure the maximum
value VSm [mV] of the signal output and substitute the value into the following formula.
4. Video signal shading
Set to standard imaging condition II. With the lens diaphragm at F5.6 to F8, adjust the luminous intensity
so that the average value of the signal output is 120mV. Then measure the maximum (Vmax [mV]) and
minimum (Vmin [mV]) values of the signal output and substitute the values into the following formula.
SH = (Vmax – Vmin)/120
× 100 [%]
5. Dark signal
Measure the average value of the signal output (Vdt [mV]) with the device ambient temperature 60°C and
the device in the light-obstructed state, using the horizontal idle transfer level as a reference.
Sm =
× 100 [%] (1/10V method conversion value)
×
×
120
VSm
500
1
10
1
50
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com