Electronic Components Datasheet Search
  English  ▼

X  

ICX075AL Datasheet(PDF) 4 Page - Sony Corporation

Part # ICX075AL
Description  Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for CCIR B/W Video Cameras
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX075AL Datasheet(HTML) 4 Page - Sony Corporation

  ICX075AL Datasheet HTML 1Page - Sony Corporation ICX075AL Datasheet HTML 2Page - Sony Corporation ICX075AL Datasheet HTML 3Page - Sony Corporation ICX075AL Datasheet HTML 4Page - Sony Corporation ICX075AL Datasheet HTML 5Page - Sony Corporation ICX075AL Datasheet HTML 6Page - Sony Corporation ICX075AL Datasheet HTML 7Page - Sony Corporation ICX075AL Datasheet HTML 8Page - Sony Corporation ICX075AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
– 4 –
ICX075AL
Integer portion of code
Value
9
10
11 12 13 14 15 16 17
18
9
A
C
d
E
f
G
h
J
K
∗1 Indications of substrate voltage (V
SUB
) setting value
The setting value of the substrate voltage is indicated on the back of image sensor by a special code.
Adjust the substrate voltage (VSUB) to the indicated voltage.
VSUB code – two characters indication
↑
↑
Integer portion
Decimal portion
The integer portion of the code and the actual value correspond to each other as follows.
Item
VDD
VSUB
VL
14.55
9.0
Indicated
voltage – 0.1
15.45
18.5
Indicated
voltage + 0.1
15.0
Indicated
voltage
∗2
V
V
V
∗1
Symbol
Min.
Typ.
Max.
Unit
Remarks
Bias Conditions
DC Characteristics
<Example> "A5"
→ VSUB = 10.5V
∗2 V
L
setting is the VVL voltage of the vertical transfer clock waveform, or the same power supply as the VL
power supply for the V driver should be used.
∗3 (1) Current to each pin when 18V is applied to V
DD
, VOUT1, VOUT2, HIS, RG, CGG1, CGG2, GND and SUB
pins, while pins that are not tested are grounded.
(2) Current to each pin when 20V is applied sequentially to V
φ1, Vφ2 and Vφ3 pins, while pins that are not
tested are grounded. However, 20V is applied to SUB pin.
(3) Current to each pin when 15V is applied sequentially to RG, H
φ1 and Hφ2 pins, while pins that are not
tested are grounded. However, 15V is applied to SUB pin.
(4) Current to VL pin when 25V is applied to V
φ2, Vφ3, POGφ, HIGφ1, HIG2, VDD, VOUT1 and VOUT2 pins or
when, 15V is applied to V
φ1, VHOLDφ, VOGφ, CGG1, CGG2, Hφ1, Hφ2, HHGφ1 and HHGφ2 pins, while VL
pin is grounded. However, GND and SUB pins are left open.
(5) Current to GND pin when 20V is applied to the RG pin and the GND pin is grounded.
∗4 Current to SUB pin when 55V is applied to SUB pin, while all pins that are not tested are grounded.
Supply voltage
Substrate voltage
adjustment range
Substrate voltage
adjustment precision
Protective transistor bias
Item
Supply current
Input current
Input current
IDD
IIN1
IIN2
10
1
10
mA
µA
µA
∗3
∗4
Symbol
Min.
Typ.
Max.
Unit
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com