Electronic Components Datasheet Search
  English  ▼

X  

ICX075AL Datasheet(PDF) 2 Page - Sony Corporation

Part # ICX075AL
Description  Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for CCIR B/W Video Cameras
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX075AL Datasheet(HTML) 2 Page - Sony Corporation

  ICX075AL Datasheet HTML 1Page - Sony Corporation ICX075AL Datasheet HTML 2Page - Sony Corporation ICX075AL Datasheet HTML 3Page - Sony Corporation ICX075AL Datasheet HTML 4Page - Sony Corporation ICX075AL Datasheet HTML 5Page - Sony Corporation ICX075AL Datasheet HTML 6Page - Sony Corporation ICX075AL Datasheet HTML 7Page - Sony Corporation ICX075AL Datasheet HTML 8Page - Sony Corporation ICX075AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
– 2 –
ICX075AL
Pin No.
Pin No. Symbol
Description
Pin Description
∗1 DC bias is applied within the CCD, so that this pin should be grounded externally through a capacitance of
1µF or more.
∗2 Regarding the test pins: apply the same voltage as the supply voltage to HIS, and ground HIGφ
1
, HIG2, and
POG
φ.
1
2
3
4
5
6
7
8
9
10
11
VDD
RG
VL
SUB
H
φ1
H
φ2
HHG
φ1
HHG
φ2
HIG2
POG
φ
VOG
φ
Supply voltage
Reset gate clock
Protective transistor bias
Substrate (overflow drain)
Horizontal register transfer clock
Horizontal register transfer clock
Inter-horizontal register transfer clock
Inter-horizontal register transfer clock
Test pin ∗2
Test pin ∗2
Vertical register final stage
transfer clock
Test pin ∗2
Test pin ∗2
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Vertical register final stage
accumulation clock
GND
Output amplifier 1 gate ∗1
decoupling capacitor
Signal output 1
Output amplifier 2 gate ∗1
decoupling capacitor
Signal output 2
Symbol
Description
HIG
φ1
HIS
V
φ3
V
φ2
V
φ1
VHOLD
φ
GND
CGG1
VOUT1
CGG2
VOUT2
12
13
14
15
16
17
18
19
20
21
22
Horizontal Register 1
Horizontal Register 2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Note)
Note)
: Photo sensor
15
16
17
18
19
20
21
22
Block Diagram and Pin Configuration
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com