Electronic Components Datasheet Search
  English  ▼

X  

ICX075AL Datasheet(PDF) 14 Page - Sony Corporation

Part # ICX075AL
Description  Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for CCIR B/W Video Cameras
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX075AL Datasheet(HTML) 14 Page - Sony Corporation

Back Button ICX075AL Datasheet HTML 10Page - Sony Corporation ICX075AL Datasheet HTML 11Page - Sony Corporation ICX075AL Datasheet HTML 12Page - Sony Corporation ICX075AL Datasheet HTML 13Page - Sony Corporation ICX075AL Datasheet HTML 14Page - Sony Corporation ICX075AL Datasheet HTML 15Page - Sony Corporation ICX075AL Datasheet HTML 16Page - Sony Corporation ICX075AL Datasheet HTML 17Page - Sony Corporation ICX075AL Datasheet HTML 18Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
– 14 –
ICX075AL
6. Dark signal shading
After measuring 5, measure the maximum (Vdmax [mV]) and minimum (Vdmin [mV]) values of the dark
signal output and substitute the values into the following formula.
∆Vdt = Vdmax – Vdmin [mV]
7. Lag
Adjust the signal output value generated by strobe light to 120mV. After setting the strobe light so that it
strobes with the following timing, measure the residual signal (Vlag). Substitute the value into the following
formula.
Lag = (Vlag/120)
× 100 [%]
8. Uniformity between output channels
Set to standard imaging condition I. Measure the signals at signal output 1 (V1) and at signal output 2 (V2),
and substitute the values into the following formula.
∆V =
× 100 [%]
Vlag (lag)
Signal output 120mV
Light
FLD
SG
Strobe light
timing
Output
V1
| V2 – V1 |



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com