Electronic Components Datasheet Search
  English  ▼

X  

ICX075AL Datasheet(PDF) 1 Page - Sony Corporation

Part # ICX075AL
Description  Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for CCIR B/W Video Cameras
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX075AL Datasheet(HTML) 1 Page - Sony Corporation

  ICX075AL Datasheet HTML 1Page - Sony Corporation ICX075AL Datasheet HTML 2Page - Sony Corporation ICX075AL Datasheet HTML 3Page - Sony Corporation ICX075AL Datasheet HTML 4Page - Sony Corporation ICX075AL Datasheet HTML 5Page - Sony Corporation ICX075AL Datasheet HTML 6Page - Sony Corporation ICX075AL Datasheet HTML 7Page - Sony Corporation ICX075AL Datasheet HTML 8Page - Sony Corporation ICX075AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Description
The ICX075AL is an interline CCD solid-state
image sensor suitable for CCIR black-and-white
video cameras. Progressive scan allows all pixels
signals
to
be
output
independently
within
approximately 1/50 second. This chip features an
electronic shutter with variable charge-storage time
which makes it possible to realize full-frame still
image without mechanical shutter. Individual pixels
in a square matrix make this device suitable for
image input and processing applications.
High sensitivity and low dark current are achieved
through the adoption of HAD (Hole-Accumulation
Diode) sensors.
Features
• Progressive scan allows individual readout of the
image signals from all pixels.
• High vertical resolution (580TV-lines) still picture
without mechanical shutter.
• Square pixel unit cell
• High resolution, high sensitivity, low dark current
• Continuous variable-speed shutter
• Low smear
• Excellent antiblooming characteristics
• Reset gate: 5V drive (bias: no adjustment)
Device Structure
• Image size:
Diagonal 8mm (Type 1/2)
• Number of effective pixels:
782 (H)
× 582 (V)
approx. 460K pixels
• Total number of pixels:
823 (H)
× 592 (V)
approx. 490K pixels
• Interline CCD image sensor
• Chip size:
8.10mm (H)
× 6.33mm (V)
• Unit cell size:
8.3µm (H)
× 8.3µm (V)
• Optical black:
Horizontal (H) direction: Front 3 pixels, rear 38 pixels
Vertical (V) direction:
Front 8 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal 19
Vertical 5
• Substrate material:
Silicon
– 1 –
ICX075AL
E95309F99
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for CCIR B/W Video Cameras
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
22 pin DIP (Cer-DIP)
Pin 1
V
3
38
2
8
Pin 12
H
Optical black position
(Top View)


Similar Part No. - ICX075AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX075AK SONY-ICX075AK Datasheet
278Kb / 21P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras
More results

Similar Description - ICX075AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX074AK SONY-ICX074AK Datasheet
243Kb / 21P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras
ICX074AL SONY-ICX074AL Datasheet
236Kb / 21P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for EIA B/W Video Cameras
ICX075AK SONY-ICX075AK Datasheet
278Kb / 21P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras
ICX205AL SONY-ICX205AL Datasheet
298Kb / 22P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX274AL SONY-ICX274AL Datasheet
916Kb / 71P
Diagonal 8.923mm (Type 1/1.8) Progressive Scan CCD Image Sensor with Square Pixel for B/W Video Cameras
ICX267AK SONY-ICX267AK Datasheet
351Kb / 29P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX415AQ SONY-ICX415AQ Datasheet
261Kb / 28P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX414AQ SONY-ICX414AQ Datasheet
281Kb / 29P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX415AL SONY-ICX415AL Datasheet
282Kb / 30P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Solid-state Image Sensor with Square Pixel for CCIR B/W Cameras
ICX429ALB SONY-ICX429ALB Datasheet
226Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com