Electronic Components Datasheet Search
  English  ▼

X  

ICX075AL Datasheet(PDF) 3 Page - Sony Corporation

Part # ICX075AL
Description  Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for CCIR B/W Video Cameras
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX075AL Datasheet(HTML) 3 Page - Sony Corporation

  ICX075AL Datasheet HTML 1Page - Sony Corporation ICX075AL Datasheet HTML 2Page - Sony Corporation ICX075AL Datasheet HTML 3Page - Sony Corporation ICX075AL Datasheet HTML 4Page - Sony Corporation ICX075AL Datasheet HTML 5Page - Sony Corporation ICX075AL Datasheet HTML 6Page - Sony Corporation ICX075AL Datasheet HTML 7Page - Sony Corporation ICX075AL Datasheet HTML 8Page - Sony Corporation ICX075AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
– 3 –
ICX075AL
Item
–0.3 to +55
–0.3 to +18
–55 to +10
–15 to +20
to +10
to +15
to +17
–17 to +17
–10 to +15
–55 to +10
–65 to +0.3
–0.3 to +27.5
–0.3 to +22.5
–0.3 to +17.5
–30 to +80
–10 to +60
V
V
V
V
V
V
V
V
V
V
V
V
V
V
°C
°C
∗1
Ratings
Unit Remarks
Absolute Maximum Ratings
∗1 +27V (Max.) when clock width < 10µs, clock duty factor < 0.1%.
Substrate voltage SUB – GND
VDD, VOUT1, VOUT2, HIS, CGG1, CGG2 – GND
Supply voltage
VDD, VOUT1, VOUT2, HIS, CGG1, CGG2 – SUB
V
φ1, Vφ2, Vφ3, VHOLDφ, VOGφ – GND
Clock input voltage
V
φ1, Vφ2, Vφ3, VHOLDφ, VOGφ – SUB
Voltage difference between vertical clock input pins
Voltage difference between horizontal clock input pins
H
φ1, Hφ2 – VOGφ
H
φ1, Hφ2 – GND
H
φ1, Hφ2 – SUB
VL – SUB
V
φ2, Vφ3, VDD, VOUT1, VOUT2, HIS, HIGφ1, HIG2, POGφ – VL
RG – GND
V
φ1, CGG1, CGG2, Hφ1, Hφ2, HHGφ1, HHGφ2, VOGφ, VHOLDφ – VL
Storage temperature
Operating temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com