Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 113 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 113 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 117Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
113
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
MIC1 MUX SELECTOR WIDGET (NID = 09H)
GET PARAMETER VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F00h
Parameter ID (PID)
Parameter Value
Audio Widget Capabilities Parameter (PID = 09h)
Bit
Bitfield Name
RW
Default
Description
[31:24]
Rsvd
R
00h
Reserved
[23:20]
Type
R
3h
Indicates that this is an Audio Selector Widget
[19:16]
Delay
R
0h
Latency not reported
[15:12]
Rsvd
R
0h
Reserved
[11]
L-R Swap
R
0
Left/Right swap capability not supported
[10]
PowerCntrl
R
0
Indicates that the Power State Verb is not supported in this widget
[9]
Digital
R
0
Indicates that this widget is translating analogue data
[8]
Conn List
R
1
Indicates that a connection list is present
[7]
Unsol Capable
R
0
Widget supports Unsolicited Responses
[6]
ProcWidget
R
0
Widget does not have processing capabilities
[5]
Stripe
R
0
Widget does not support striping
[4]
Format Override
R
0
Widget does not override the format defined for the AFG
[3]
Amp Parameter
Override
R
0
Not applicable as this widget does not have amplifier capabilities
[2]
Out Amp Present
R
0
Output amplifier is not present in this widget
[1]
In Amp Present
R
0
Input amplifier not present in this widget
[0]
Stereo
R
1
Indicates that this is a stereo widget
Connection List Length Parameter (PID = 0Eh)
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7]
Long Form
R
0
Indicates that the connection list items are in short form
[6:0]
Connection List
Length
R
02h
Indicates that there is 2 NID entries in the connection list
CONNECTION SELECT CONTROL VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F01h
00h
Bits [31:0] in the table below
Set
701h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7:0]
Connection
Index
RW
00h
Connection index currently set:
00h = Connection list entry 0
01h = Connection list entry 1
02h-FFh = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com