Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 114 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 114 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 118Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 184 page
background image
WM8860
Pre-Production
w
PP, April 2011, Rev 3.2
114
GET CONNECTION LIST ENTRY VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F02h
00h
Bits [31:0] in the table below
Bit
Bitfield Name
RW
Default
Description
[31:24]
Conn List Entry 3
R
00h
Unused connection list entry
[23:16]
Conn List Entry 2
R
00h
Unused connection list entry
[15:8]
Conn List Entry 1
R
0Eh
Indicates that the MIC1 Mux Widget connects to the Port-D Pin Widget
(NID = 0Eh)
Note: When the MIC1 Widget (NID=03h) is in power state D0, and the
MIC1 Mux Widget sources Port-D (Digital Microphone), the analogue
circuitry for the ADC, PGA, and MICBIAS is disabled to save power.
Also, the DMICCLK is automatically enabled and runs at a rate
determined by the MIC1 Stream Format verb.
[7:0]
Conn List Entry 0
R
0Bh
Indicates that the MIC1 Mux Selector Widget connects to the PGA2
Widget (NID = 0Bh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com