Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 119 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 119 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 123Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
119
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
PGA2 SELECTOR WIDGET (NID = 0BH)
AMPLIFIER GAIN/MUTE VERB
Verb ID
Payload [15:0]
Response[31:0]
Get
Bh
A000h
Bits [31:0] in the response table below –
applies to the left channel only
Get
Bh
8000h
Bits [31:0] in the response table below –
applies to the right channel only
Set
3h
Bits [15:0] in the set table below
00000000h
Response Table:
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7]
Amplifier Mute
R
1
Shows the amplifier mute status of the selected channel:
0 = Normal
1 = Muted
[6:0]
Amplifier Gain
R
18h
Shows the amplifier gain setting (step number) for the selected channel.
The actual gain applied is determined by the Output Amplifier
Capabilities Parameter, and is shown below for convenience:
00h = −12dB
01h = −11.5dB
… 0.5dB steps
2Fh = +11.5dB
30h = +12dB
Set Table:
Bit
Bitfield Name
RW
Default
Description
[15]
Set Output Amp
W
1
Indicates that the programming refers to the output amplifier on this
widget
[14]
Set Input Amp
W
0
Not applicable to this widget
[13]
Set Left Amp
W
1
0 = Left channel amplifier does not accept the values in Mute or Gain
fields
1 = Left channel amplifier does accept the values in the Mute and Gain
fields
[12]
Set Right Amp
W
1
0 = Right channel amplifier does not accept the values in Mute or Gain
fields
1 = Right channel amplifier does accept the values in the Mute and Gain
fields
[11:8]
Index
W
0h
Not applicable to this widget
[7]
Mute
W
1
0 = Normal operation
1 = Mute
Note: When mute is applied to a channel, the data value is overwritten
with all zeros.
[6:0]
Gain
W
18h
Step number of the gain – see Amplifier Gain in response table above for
details of actual gain values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com