Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 121 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 121 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 125Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
121
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
PGA CONTROL VERB (VENDOR-SPECIFIC
Verb ID
Payload [7:0]
Response[31:0]
Get
FB2h
00h
Bits [31:0] in the table below
Set1
7B2h
Bits [7:0] in the table below
00000000h
Set2
7B3h
Bits [15:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:14]
Rsvd
R
00000h
Reserved
[13:0]
Terminal Count
RW
1FFFh
Set the period of the zero detect timeout clock:
0000h = Timeout disabled
0001h to 03FFh = Reserved
0400h = 1025 x 20.833µs (21.3ms)
0401h = 1026 x 20.833µs (21.4ms)
…
1FFFh = 8192 × 20.833µs (171ms)
…
3FFFh = 16384 × 20.833µs (341ms)
Note: The timeout clock uses the SYNC signal from the HDA interface,
so the absolute value of the timeout period will depend on the absolute
accuracy of the SYNC signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com