Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 126 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 126 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 130Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 184 page
background image
WM8860
Pre-Production
w
PP, April 2011, Rev 3.2
126
Bit
Bitfield Name
RW
Default
Description
[19:16]
Connection Type
RW
1h
Indicates the type of physical interface on Port-E:
0h = Unknown
1h = 3.5mm stereo/mono jack
2h = ¼” stereo/mono jack
3h = ATAPI internal
4h = RCA jack (for analogue audio or coaxial S/PDIF)
5h = Optical
6h = Other digital
7h = Other analogue
8h = Multi-channel analogue (DIN)
9h = XLR/Professional
Ah = RJ-11 (modem)
Bh = Combination
Ch-Eh = Reserved
Fh = Other
[15:12]
Colour
RW
3h
Indicates the colour of the physical jack on Port-E:
0h = Unknown
1h = Black
2h = Grey
3h = Blue
4h = Green
5h = Red
6h = Orange
7h = Yellow
8h = Purple
9h = Pink
Ah-Dh = Reserved
Eh = White
Fh = Other
[11:8]
Misc
RW
0h
Presence detection override:
0h = Presence detection indicated by Pin Capabilities Parameter
1h = Presence detection not supported. If the Pin Capabilities Parameter
indicates that that presence detection is supported by the node, then this
bit is used to override it to indicate the external circuitry is not capable of
supporting presence detect
All other values are reserved
[7:4]
Default
Association
RW
Fh
Association number:
0h = Reserved
1h-Eh = Multi Channel or Single Pin Widget
Fh = Single Pin Widget Only
[3:0]
Sequence
RW
0h
Sequence number used to define individual channel pairs within a stream.
All values (0h-Fh) are available for use. Use a value of 0h for Single Pin
Widget.
Note: The Configuration Default Verb is not reset to its default value during a reset from any source. The settings are only lost
when digital power is removed from the WM8860. When digital power is restored, the System BIOS must restore the settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com