Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 129 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 129 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 133Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
129
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
PORT-B PIN COMPLEX WIDGET (NID = 0DH)
AMPLIFIER GAIN/MUTE VERB
Verb ID
Payload [15:0]
Response[31:0]
Get
Bh
2000h
Bits [31:0] in the response table below –
applies to the left channel only
Get
Bh
0000h
Bits [31:0] in the response table below –
applies to the right channel only
Set
3h
Bits [15:0] in the set table below
00000000h
Response Table:
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7]
Amplifier Mute
R
0
Mute not supported
[6:0]
Amplifier Gain
R
00h
Shows the amplifier gain setting (step number) for the selected channel.
The actual gain applied is determined by the Input Amplifier Capabilities
Parameter in the AFG (NID = 01h), and is shown below for convenience:
00h = 0dB
01h = +10dB
02h = +20dB
03h = +30dB
Set Table:
Bit
Bitfield Name
RW
Default
Description
[15]
Set Output Amp
R
0
Not applicable to this widget
[14]
Set Input Amp
W
1
Indicates that the programming refers to the input amplifier on this widget
[13]
Set Left Amp
W
1
0 = Left channel amplifier does not accept the values in Mute or Gain
fields
1 = Left channel amplifier does accept the values in the Mute and Gain
fields
[12]
Set Right Amp
W
1
0 = Right channel amplifier does not accept the values in Mute or Gain
fields
1 = Right channel amplifier does accept the values in the Mute and Gain
fields
[11:8]
Index
R
0h
Not applicable to this widget
[7]
Mute
R
0
Mute not supported
[6:0]
Gain
W
0h
Step number of the gain – see Amplifier Gain in response table above for
details of actual gain values
Note: Port-B amplifier implements Mic-Boost. The gain setting is always
applied to both left and right channels when either (or both) the Set Left
Amp or Set Right Amp registers are set. Dedicated boost settings for
each channel are not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com