Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 131 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 131 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 135Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
131
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
PIN WIDGET CONTROL VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F07h
00h
Bits [31:0] in the table below
Set
707h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7]
H-Phn Enable
R
0
Not applicable as this in an input port
[6]
Out Enable
R
0
Not applicable as this in an input port
[5]
In Enable
RW
1
Controls the input path:
0 = Input path is disabled
1 = Input path is enabled
[4:3]
Rsvd
R
0
Reserved
[2:0]
VRefEn
RW
0h
MICBIAS control:
0h = Hi-Z
1h = AVDD1 * 50%
2h = Ground (0V)
3h = Reserved
4h = AVDD1 * 80%
5h-7h = Reserved
Note: If VRefEn is set to a reserved value, the value programmed will be
0h (Hi-Z) to avoid any potential damage to external components
UNSOLICITED RESPONSE VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F08h
00h
Bits [31:0] in the table below
Set
708h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7]
Enable
RW
0
0 = Unsolicited Responses disabled for this node
1 = Unsolicited Responses enabled for this node
[6]
Rsvd
R
0
Reserved
[5:0]
Tag
RW
0Dh
A software programmable tag value that is returned in the top six bits
(31:26) of every Unsolicited Response from this node.
The default for Tag is equal to the Node ID.
Note: The Unsolicited Response for the AFG node is defined in the “Unsolicited Responses” section.
PIN SENSE VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F09h
00h
Bits [31:0] in the table below
Execute
709h
00h
00000000h
Bit
Bitfield Name
RW
Default
Description
[31]
Presence Detect
R
0
0 = nothing plugged into Port-B
1 = something plugged into Port-B
[30:0]
Impedance
Sense
R
7FFFFFFFh
Impedance sense value:
7FFFFFFFh = measurement not ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com