Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 170 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 170 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 166Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 167Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 168Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 169Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 174Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 184 page
background image
WM8860
Pre-Production
w
PP, April 2011, Rev 3.2
170
CONVERTER STREAM, CHANNEL VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F06h
00h
Bits [31:0] in the table below
Set
706h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7:4]
Stream
RW
0h
Stream ID used by this widget. Note that Stream ID = 0h is used to indicate
an unused stream, and converters will not transfer/receive link data for
streams with an ID of 0h.
For multi-channel capture on MIC1 and MIC2, the Stream value should be
the same for both.
[3:0]
Channel
RW
2h
Lowest channel number used by this widget.
Note: When MIC1 and MIC2 are setup for multi-channel capture, only a
setting of 0h and 2h are applicable. However, the values are mutually
exclusive, in that if Channel has been set to 0h for the MIC1 node, it must
be set to 2h for the MIC2 node. Both nodes should have Channel set to 0h
when not in multi-channel capture mode.
UNSOLICITED RESPONSE VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F08h
00h
Bits [31:0] in the table below
Set
708h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7]
Enable
RW
0h
0 = Unsolicited Responses disabled for this node
1 = Unsolicited Responses enabled for this node
[6]
Rsvd
R
0h
Reserved
[5:0]
Tag
RW
15h
A software programmable tag value that is returned in the top six bits
(31:26) of every Unsolicited Response from this node.
The default for Tag is equal to the Node ID.
Note: The Unsolicited Response for the AFG node is defined in the “Unsolicited Responses” section.
UNSOLICITED RESPONSE PRIORITY CONTROL VERB (VENDOR-SPECIFIC)
Verb ID
Payload [7:0]
Response[31:0]
Get
F8Eh
00h
Bits [31:0] in the table below
Set
78Eh
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:5]
Rsvd
R
0000000h
Reserved
[4:0]
Priority
RW
00h
Assigns a priority setting for queued Unsolicited Responses. Nodes with
the lowest value have the highest priority, and so go to the front of the
Unsolicited Response queue. Nodes with the same value for priority are
queued on first-to-trigger basis.
00h = Highest priority
…
1Fh = Lowest priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com