Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 173 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 173 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 169Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 177Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
173
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
PORT-H PIN COMPLEX WIDGET (NID = 16H)
AMPLIFIER GAIN/MUTE VERB
Verb ID
Payload [15:0]
Response[31:0]
Get
Bh
2000h
Bits [31:0] in the response table below –
applies to the left channel only
Get
Bh
0000h
Bits [31:0] in the response table below –
applies to the right channel only
Set
3h
Bits [15:0] in the set table below
00000000h
Response Table:
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7]
Amplifier Mute
R
0
Shows the amplifier mute status of the selected channel:
0 = Normal
1 = Muted
[6:0]
Amplifier Gain
R
18h
Shows the amplifier gain setting (step number) for the selected channel.
The actual gain applied is determined by the Input Amplifier Capabilities
Parameter in the AFG (NID = 01h), and is shown below for convenience:
00h = −12dB
01h = −11.5dB
… −0.5dB steps
57h = +31.5dB
58h = +32dB
Set Table:
Bit
Bitfield Name
RW
Default
Description
[15]
Set Output Amp
W
0
Not applicable to this widget
[14]
Set Input Amp
W
1
Indicates that the programming refers to the input amplifier on this widget
[13]
Set Left Amp
W
1
0 = Left channel amplifier does not accept the values in Mute or Gain
fields
1 = Left channel amplifier does accept the values in the Mute and Gain
fields
[12]
Set Right Amp
W
1
0 = Right channel amplifier does not accept the values in Mute or Gain
fields
1 = Right channel amplifier does accept the values in the Mute and Gain
fields
[11:8]
Index
W
0h
Not applicable to this widget
[7]
Mute
W
0
0 = Normal operation
1 = Mute
[6:0]
Gain
W
18h
Step number of the gain – see Amplifier Gain in response table above for
details of actual gain values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com