Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 175 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 175 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 177Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 178Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 179Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
175
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
Connection List Length Parameter (PID = 0Eh)
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7]
Long Form
R
0
Indicates that the connection list items are in short form
[6:0]
Connection List
Length
R
01h
Indicates that there is 1 NID entry in the connection list
GET CONNECTION LIST ENTRY VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F02h
00h
Bits [31:0] in the table below
Bit
Bitfield Name
RW
Default
Description
[31:24]
Conn List Entry 3
R
00h
Unused connection list entry
[23:16]
Conn List Entry 2
R
00h
Unused connection list entry
[15:8]
Conn List Entry 1
R
00h
Unused connection list entry
[7:0]
Conn List Entry 0
R
17h
Indicates that the Port-H Pin Widget connects to Node 17h
PIN WIDGET CONTROL VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F07h
00h
Bits [31:0] in the table below
Set
707h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7]
H-Phn Enable
R
0
Not applicable as this in an input port
[6]
Out Enable
RW
0
Controls the output path:
0 = Output path is disabled
1 = Output path is enabled
[5]
In Enable
RW
1
Controls the input path:
0 = Input path is disabled
1 = Input path is enabled
[4:3]
Rsvd
R
0h
Reserved
[2:0]
VRefEn
R
0h
Selectable VRef not supported
Note: It is erroneous behaviour for both the Out Enable and In Enable registers to be set high simultaneously. If both registers
are set, Port-H defaults to an input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com