Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 176 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 176 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 177Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 178Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 179Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 180Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 184 page
background image
WM8860
Pre-Production
w
PP, April 2011, Rev 3.2
176
CONFIGURATION DEFAULT VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F1Ch
00h
Bits [31:0] in the table below
Set1
71Ch
Bits [7:0] in the table below
00000000h
Set2
71Dh
Bits [15:8] in the table below
00000000h
Set3
71Eh
Bits [23:16] in the table below
00000000h
Set4
71Fh
Bits [31:24] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:30]
Port Connectivity
RW
0h
Indicates the external connectivity:
0h = Jack
1h = No physical connection
2h = A fixed function device
3h = both a jack and an internal device are connected
[29:28]
Location[5:4]
RW
1h
Gross physical location of the device connected to Port-H:
0h = External on primary chassis
1h = Internal
2h = Separate chassis
3h = Other
[27:24]
Location[3:0]
RW
0h
Geometric location of the device connected to Port-H:
0h = Not applicable
1h = Rear
2h = Front
3h = Left
4h = Right
5h = Top
6h = Bottom
7h = Special
8h = Special
9h = Special
Ah-Fh = Reserved
[23:20]
Default Device
RW
Ah
Indicates the intended use of Port-H:
0h = Line out
1h = Speaker
2h = Headphone out
3h = CD
4h = S/PDIF out
5h = Digital other out
6h = Modem line side
7h = Modem handset side
8h = Line in
9h = AUX
Ah = Mic in
Bh = Telephony
Ch = S/PDIF in
Dh = Digital other in
Eh = Reserved
Fh = Other



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com