Electronic Components Datasheet Search
  English  ▼

X  

WM8946 Datasheet(PDF) 50 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 50 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 54Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
50
DAC AUTO-MUTE
The DAC digital mute and volume controls are described earlier in Table 25.
The DAC also incorporates an analogue auto-mute, which is enabled by setting DAC_AUTOMUTE.
When the auto-mute is enabled, and a series of 1024 consecutive zero-samples is detected, the DAC
output is muted in order to attenuate noise that might be present in output signal path. The DAC
resumes normal operation as soon as digital audio data is detected.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R21 (15h)
DAC Control 1
4
DAC_AUTOMUT
E
1
DAC Auto-Mute Control
0 = Disabled
1 = Enabled
Table 27 DAC Auto Mute
Note: The DAC_AUTOMUTE bit should not be set when the BEEP generator is used.
DAC SLOPING STOPBAND FILTER
Two DAC filter types are available, selected by the register bit DAC_SB_FLT. When operating at
lower sample rates (e.g. during voice communication) it is recommended that the sloping stopband
filter type is selected (DAC_SB_FLT=1) to reduce out-of-band noise which can be audible at low DAC
sample rates. See “Digital Filter Characteristics” for details of DAC filter characteristics.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R22 (16h)
DAC Control 2
0
DAC_SB_FLT
0
Selects DAC filter characteristics
0 = Normal mode
1 = Sloping stopband mode
Table 28 DAC Sloping Stopband Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com